Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 148 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 148 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 144Page - Microchip Technology 18F8680 Datasheet HTML 145Page - Microchip Technology 18F8680 Datasheet HTML 146Page - Microchip Technology 18F8680 Datasheet HTML 147Page - Microchip Technology 18F8680 Datasheet HTML 148Page - Microchip Technology 18F8680 Datasheet HTML 149Page - Microchip Technology 18F8680 Datasheet HTML 150Page - Microchip Technology 18F8680 Datasheet HTML 151Page - Microchip Technology 18F8680 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 146
 2004 Microchip Technology Inc.
10.8
PORTH, LATH and TRISH
Registers
PORTH is an 8-bit wide, bidirectional I/O port. The cor-
responding data direction register is TRISH. Setting a
TRISH bit (= 1) will make the corresponding PORTH
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISH bit (= 0)
will make the corresponding PORTH pin an output (i.e.,
put the contents of the output latch on the selected pin).
Read-modify-write operations on the LATH register
read and write the latched output value for PORTH.
Pins RH7:RH4 are multiplexed with analog inputs
AN15:AN12. Pins RH3:RH0 are multiplexed with the
system bus as the external memory interface; they are
the high-order address bits, A19:A16. By default, pins
RH7:RH4 are enabled as A/D inputs and pins
RH3:RH0 are enabled as the system address bus.
Register ADCON1 configures RH7:RH4 as I/O or A/D
inputs. Register MEMCON configures RH3:RH0 as I/O
or system bus pins.
Pins RH7 and RH6 can be configured as the alternate
peripheral pins for CCP1 PWM output P1B and P1C,
respectively. This is done by clearing the configuration
bit ECCPMX, in configuration register CONFIG3H
(CONFIG3H<1>).
EXAMPLE 10-8:
INITIALIZING PORTH
FIGURE 10-22:
RH3:RH0 PINS BLOCK
DIAGRAM IN I/O MODE
FIGURE 10-23:
RH7:RH4 PINS BLOCK
DIAGRAM IN I/O MODE
Note:
PORTH is available only on PIC18F8X8X
devices.
Note 1: On
Power-on
Reset,
PORTH
pins
RH7:RH4 default to A/D inputs and read
as ‘0’.
2: On
Power-on
Reset,
PORTH
pins
RH3:RH0 default to system bus signals.
CLRF
PORTH
; Initialize PORTH by
; clearing output
; data latches
CLRF
LATH
; Alternate method
; to clear output
; data latches
MOVLW
0Fh
;
MOVWF
ADCON1
;
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISH
; Set RH3:RH0 as inputs
; RH5:RH4 as outputs
; RH7:RH6 as inputs
Data
Bus
WR LATH
WR TRISH
RD PORTH
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATH
or
PORTH
Note 1: I/O pins have diode protection to VDD and VSS.
Data
Bus
WR LATH
WR TRISH
RD PORTH
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATH
or
PORTH
To A/D Converter
Note 1: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com