Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 184 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 184 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 180Page - Microchip Technology 18F8680 Datasheet HTML 181Page - Microchip Technology 18F8680 Datasheet HTML 182Page - Microchip Technology 18F8680 Datasheet HTML 183Page - Microchip Technology 18F8680 Datasheet HTML 184Page - Microchip Technology 18F8680 Datasheet HTML 185Page - Microchip Technology 18F8680 Datasheet HTML 186Page - Microchip Technology 18F8680 Datasheet HTML 187Page - Microchip Technology 18F8680 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 182
 2004 Microchip Technology Inc.
FIGURE 16-8:
EXAMPLE OF FULL-BRIDGE APPLICATION
16.2.5.1
Direction Change in Full-Bridge Mode
In the Full-Bridge Output mode, the P1M1 bit in the
CCP1CON register allows the user to control the
forward/reverse
direction.
When
the
application
firmware changes this direction control bit, the module
will assume the new direction on the next PWM cycle.
Just before the end of the current PWM period, the mod-
ulated outputs (P1B and P1D) are placed in their inactive
state while the unmodulated outputs (P1A and P1C) are
switched to drive in the opposite direction. This occurs in
a time interval of (4 TOSC * (Timer2 Prescale value))
before the next PWM period begins. The Timer2
prescaler will be either 1, 4 or 16, depending on the
value of the T2CKPS bit (T2CON<1:0>). During the
interval from the switch of the unmodulated outputs to
the beginning of the next period, the modulated outputs
(P1B and P1D) remain inactive. This relationship is
shown in Figure 16-9.
Note that in the Full-Bridge Output mode, the CCP1
module does not provide any dead-band delay. In
general, since only one output is modulated at all times,
dead-band delay is not required. However, there is a
situation where a dead-band delay might be required.
This situation occurs when both of the following
conditions are true:
1.
The direction of the PWM output changes when
the duty cycle of the output is at or near 100%.
2.
The turn off time of the power switch, including
the power device and driver circuit, is greater
than the turn on time.
Figure 16-10 shows an example where the PWM direc-
tion changes from forward to reverse at a near 100%
duty cycle. At time t1, the output P1A and P1D become
inactive while output P1C becomes active. In this
example, since the turn off time of the power devices is
longer than the turn on time, a shoot-through current
may flow through power devices QC and QD (see
Figure 16-8) for the duration of ‘t’. The same phenom-
enon will occur to power devices QA and QB for PWM
direction change from reverse to forward.
If changing PWM direction at high duty cycle is required
for an application, one of the following requirements
must be met:
1.
Reduce PWM for a PWM period before
changing directions.
2.
Use switch drivers that can drive the switches off
faster than they can drive them on.
Other options to prevent shoot-through current may
exist.
PIC18FXX80/XX85
P1A
P1C
FET
Driver
FET
Driver
V+
V-
Load
FET
Driver
FET
Driver
P1B
P1D
QA
QB
QD
QC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com