Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 187 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 187 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 183Page - Microchip Technology 18F8680 Datasheet HTML 184Page - Microchip Technology 18F8680 Datasheet HTML 185Page - Microchip Technology 18F8680 Datasheet HTML 186Page - Microchip Technology 18F8680 Datasheet HTML 187Page - Microchip Technology 18F8680 Datasheet HTML 188Page - Microchip Technology 18F8680 Datasheet HTML 189Page - Microchip Technology 18F8680 Datasheet HTML 190Page - Microchip Technology 18F8680 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 185
PIC18F6585/8585/6680/8680
REGISTER 16-3:
ECCP1AS: ENHANCED CAPTURE/COMPARE/PWM AUTO-SHUTDOWN
CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
bit 7
bit 0
bit 7
ECCPASE: ECCP Auto-Shutdown Event Status bit
0
= ECCP outputs are operating
1
= A shutdown event has occurred; ECCP outputs are in shutdown state
bit 6-4
ECCPAS<2:0>: ECCP Auto-Shutdown Source Select bits
000
= Auto-shutdown is disabled
001
= Comparator 1 output
010
= Comparator 2 output
011
= Either Comparator 1 or 2
100
=RB0
101
= RB0 or Comparator 1
110
= RB0 or Comparator 2
111
= RB0 or Comparator 1 or Comparator 2
bit 3-2
PSSACn: Pins A and C Shutdown State Control bits
00
= Drive pins A and C to ‘0’
01
= Drive pins A and C to ‘1’
1x
= Pins A and C tri-state
bit 1-0
PSSBDn: Pins B and D Shutdown State Control bits
00
= Drive pins B and D to ‘0’
01
= Drive pins B and D to ‘1’
1x
= Pins B and D tri-state
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com