Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 13/42
MICROCONTROLLER MODE
Setting pin EMC to hi configures iC-HT for microcon-
troller mode (MCU mode). Several parameters can
be configured through a microcontroller via I²C or SPI
communication.
More information about the serial
communication interface can be found on page 21.
The configuration of the internal parameters of iC-HT
must be done in configuration mode. In this mode, the
configuration memory can be written and read back
without changing the previous configuration state of
iC-HT. Once the configuration is considered as valid,
iC-HT can be switched to operation mode. These two
modes are configured by the MODE register. The time
elapsed in configuration must not exceed 40 ms. If this
timeout is exceeded, both channels will be switched
off. More information on page 32.
Each individual channel can be enabled by setting pin
ECx to hi. Setting register bits DISCx to 1 disables
the corresponding channel. If either pin ECx is lo or
register bits DISCx is 1, the corresponding channel is
disabled.
DISC1
Addr. 0x10; bit 3
R/W 1
0
Channel 1 can be enabled by pin EC1
1
Channel 1 cannot be enabled by pin EC1
Table 6: Disable channel 1
DISC2
Addr. 0x15; bit 3
R/W 1
0
Channel 2 can be enabled by pin EC2
1
Channel 2 cannot be enabled by pin EC2
Table 7: Disable channel 2
Different voltages can be measured using a 10 bit A/D
converter with two resolutions. The following internal
voltages can be measured:
• V(LDKx) up to 8 V with 8.6 mV resolution
• V(VDD) up to 8 V with 8.6 mV resolution
• V(VB) up to 8 V with 8.6 mV resolution
• V(MDAx) up to 1 V with 1.075 mV resolution
• V(PLRx) up to 1 V with 1.075 mV resolution
The register bits ADCCx select the signal measured
with the 10 bit A/D converter.
ADCC1(2:0)
Addr. 0x10; bit 7:5
R/W 000
0xx
Disabled
100
V(MDA1), ADSNF1 = 0
100
V(PLR1), ADSNF1 = 1
101
V(VB)
110
V(VDD)
111
V(LDK1)
Table 8: ADC channel 1 source selection
ADCC2(2:0)
Addr. 0x15; bit 7:5
R/W 000
0xx
Disabled
100
V(MDA2), ADSNF2 = 0
100
V(PLR2), ADSNF2 = 1
101
V(VB)
110
V(VDD)
111
V(LDK2)
Table 9: ADC channel 2 source selection
With ADCCx(2:0) = 100, the signal to the A/D converter
is selected by register bit ADSNFx. With ADSNFx = 1
the measuring point to the A/D converter is the internal
sense node of the internal programmable logarithmic
monitor resistor (PLR). With ADSNFx = 0 the sensing
point is connected directly to MDAx pin.
ADSNF1
Addr. 0x1A; bit 2
R/W 0
0
ADC measurement pin MDA1 (force)
1
ADC measurement PLR1 (sense)
Table 10: ADC channel 1 sense/force selection
ADSNF2
Addr. 0x1A; bit 6
R/W 0
0
ADC measurement pin MDA2 (force)
1
ADC measurement PLR2 (sense)
Table 11: ADC channel 2 sense/force selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com