Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 17 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 17 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 17/42
10 Bit
A
D
8 Bit
A
D
10 Bit
A
D
ACC
APC
RACC1
..10 nF..
0
255
PLR1
R
CI1
..750mA
8 Bit
LASER CHANNEL 1
N
+
-
MRL1
MDA1
AGND1
CIL1
CI1
LDK1
DCO
ECIE1
VB
VDD
LDK1
ADSNF1
OVC1
DISP1
EMC
CI1
..750mA
N
Figure 6: ACC with monitor photodiode
The Regulator
In MCU mode the control can be carried out without
the need of external capacitor. This allows a fast re-
sponse of the regulator. The speed of the regulator’s
response and stability can be configured using three
bits (COMPx), providing a current compensation fac-
tor.
COMP1
Addr. 0x13; bit 6:4
R/W 011
000
Minimum compensation current for the channel 1
regulator, slower response
. . .
111
Maximum compensation current for the channel 1
regulator, faster response
Table 30: Current compensation channel 1
COMP2
Addr. 0x18; bit 6:4
R/W 011
000
Minimum compensation current for the channel 2
regulator, slower response
. . .
111
Maximum compensation current for the channel 2
regulator, faster response
Table 31: Current compensation channel 2
Alternatively it is possible to use external capacitors
connected to pins CIx and CILx. In this case, register
bit ECIEx should be set to 1 and COMPx to its highest
value, "111".
ECIE1
Addr. 0x10; bit 1
R/W 0
0
External CI capacitor for channel 1 disconnected
1
External CI capacitor for channel 1 connected
Table 32: Enable external capacitor channel 1
ECIE2
Addr. 0x15; bit 1
R/W 0
0
External CI capacitor for channel 2 disconnected
1
External CI capacitor for channel 2 connected
Table 33: Enable external capacitor channel 2
The regulator is offset compensated in order to pre-
vent optical power drifts. Offset compensation can be
disabled by setting register bit EOCx to 0.
EOC1
Addr. 0x10; bit 4
R/W 1
0
Channel 1 regulator offset compensation disabled
1
Channel 1 regulator offset compensation enabled
Table 34: Enable offset compensation channel 1
EOC2
Addr. 0x15; bit 4
R/W 1
0
Channel 2 regulator offset compensation disabled
1
Channel 2 regulator offset compensation enabled
Table 35: Enable offset compensation channel 2
An internal oscillator is used for the offset compensa-
tion. A watchdog timer (WDT) is included in order to
monitor proper function of the oscillator. If an error
is detected by the WDT, the laser channels are dis-
abled, OSCERR error bit is set in STATUS0 register
and the error event is signaled at pin NCHK. This error
signaling can be suppressed using the mask register
bit MOSCERR (set to 1).
MOSCERR
Addr. 0x1D; bit 0
R/W 0
0
Oscillator error (watchdog) will be signaled at
NCHK
1
Oscillator error (watchdog) will not be signaled at
NCHK
Table 36: Oscillator error mask
iC-HT monitors the saturation voltage of the regula-
tor´s output transistor at pin LDKx. The LDK satura-
tion threshold can be configured through register bits
RLDKSx.
RLDKS1
Addr. 0x13; bit 3:2
R/W 00
00
V(LDK1) < 0.5 V sets the LDKSAT1 alarm bit
01
V(LDK1) < 0.8 V sets the LDKSAT1 alarm bit
10
V(LDK1) < 1.0 V sets the LDKSAT1 alarm bit
11
V(LDK1) < 1.2 V sets the LDKSAT1 alarm bit
Table 37: LDK saturation threshold selection channel
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com