Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 24 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 24 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH IC-HT Datasheet HTML 27Page - IC-Haus GmbH IC-HT Datasheet HTML 28Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 24/42
10 Bit
A
D
8 Bit
A
D
10 Bit
A
D
ACC
APC
RACC1
..10 nF..
0
255
PLR1
R
CI1
..750mA
8 Bit
LASER CHANNEL 1
N
+
-
MRL1
MDA1
AGND1
CIL1
CI1
LDK1
DCO
ECIE1
VB
VDD
LDK1
ADSNF1
OVC1
DISP1
EMC
CI1
..750mA
N
Figure 13: ACC with monitor photodiode
10 BIT LOGARITHMIC D/A CONVERTER
The 10 bit logarithmic D/A converter is used for set-
ting the regulator´s voltage reference. The D/A con-
verter is active in all operating modes. In iC-WK mode
only two values are available: 0.25 V (setting INS/WKR
pin lo) and 0.5 V (setting INS/WKR pin hi). In MCU
mode both APC and ACC use the D/A converter. With
a range from 0.1 V to 1.1 V and the typical step width
is 0.235%.
The D/A converter is configured through register
REFx(9:0). With REFx(9:0) = 0x000, D/A output value
is set to 0.1 V, and for REFx(9:0) = 0x3FF, D/A output
is configured to 1.1 V.
REF1
Addr. 0x13/14; bit 9:0
R/W 0x000
0x000
Channel 1 regulator reference voltage set to
minimum voltage
. . .
Channel 1 regulator reference voltage set to
Vref = Vref0(1 +
∆
Vref (%)
100
)n+1, n from 0 to 1023
0x3FF
Channel 1 regulator reference voltage set to
maximum voltage
Table 49: Channel 1 regulator voltage reference
REF2
Addr. 0x18/19; bit 9:0
R/W 0x000
0x000
Channel 2 regulator reference voltage set to
minimum voltage
. . .
Channel 2 regulator reference voltage set to
Vref = Vref0(1 +
∆
Vref (%)
100
)n+1, n from 0 to 1023
0x3FF
Channel 2 regulator reference voltage set to
maximum voltage
Table 50: Channel 2 regulator voltage reference
To calculate the D/A converter value for each REFx
value, use the following formular:
Vref = Vref0(1 +
∆
Vref (%)
100
)n+1, n from 0 to 1023
Where Vref0 is the minimum value (typically 0.1 V),
∆
Vref (%) is the step value (typically 0.235 %) and n
is the value of REFx register in decimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com