Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 14/42
0
255
R
8 Bit
LASER CHANNEL 1
10 Bit
A
D
8 Bit
A
D
10 Bit
A
D
ACC
APC
RACC
RM1
PLR
..10 nF..
..750mA
CI1
+
-
N
MRL1
MDA1
AGND1
CIL1
CI1
LDK1
DCO
ECIE1
VB
VDD
LDK1
ADSNF1
OVC
DISP1
EMC
EACC1
..750mA
CI1
N
Figure 3: Channel 1 schematic
Two different control modes can be configured inde-
pendent for each channel: automatic power control
(APC) and automatic current control (ACC). In both
modes a 10 bit logarithmic D/A converter sets the refer-
ence voltage and an 8 bit programmable D/A converter
configures the overcurrent threshold.
APC mode
In APC mode the laser power is controlled. The moni-
tor diode current is used as feedback in the laser power
control loop. APC mode is selected by setting EACCx
register bit to 0.
EACC1
Addr. 0x10; bit 0
R/W 0
0
APC mode enabled for channel 1
1
ACC mode enabled for channel 1
Table 12: APC/ACC in channel 1
EACC2
Addr. 0x15; bit 0
R/W 0
0
APC mode enabled for channel 2
1
ACC mode enabled for channel 2
Table 13: APC/ACC in channel 2
An example of APC with default configuration is shown
in figure 4.
0
255
R
8 Bit
8 Bit
10 Bit
LASER CHANNEL 1
A
..10 nF..
A
D
D
PLR
CI1
+
-
..750mA
N
LDK1
CIL1
AGND1
MRL1
CI1
CI
ECIE1
DCO
MDA1
EMC
..750mA
N
CI1
Figure 4: APC mode simplified
An internal 8 bit programmable logarithmic monitor re-
sistor (PLR) can be used in APC mode. In APC mode
it is also possible to use an external monitor resistor
connected to pin MDAx. If register bit DISPx is 0, the
PLR is present. If DISPx is 1, the PLR is disabled and
an external monitor resistor must be used.
DISP1
Addr. 0x10; bit 2
R/W 0
0
PLR enabled for channel 1
1
PLR disabled for channel 1
Table 14: Disable PLR channel 1
DISP2
Addr. 0x15; bit 2
R/W 0
0
PLR enabled for channel 2
1
PLR disabled for channel 2
Table 15: Disable PLR channel 2
Both programmable logarithmic monitor resistors
(PLR) feature a wide logarithmic resistor range from
100 Ω to 500 kΩ, in steps of typically 3.3%. This cov-
ers a wide range of monitor currents. More information
about the PLR can be found on page 23.
For fine-tuning the optical power, the reference volt-
age can be set with a 10 bit logarithmic D/A converter,
which is configurable through register REFx. This con-
verter has a voltage range that goes typically from
0.1 V to 1.1 V, allowing an operation resolution of typi-
cally 0.235%. More information on the logarithmic D/A
converted can be found on page 24.
For calculating the minimum value of Imon, Vref(0x00,
max value) (cf. Electrical Characteristics No. 303) and
Rmda(RMDx = 0xFF, min value) (cf. Electrical Charac-
teristics No. 201) are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com