Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 34 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 34 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH IC-HT Datasheet HTML 38Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 34/42
START-UP
Setting pin NSTBY to lo iC-HT enters standby mode.
In stand by mode and with no supply voltage at pin
VDD and the current consumption on VB is reduced to
less than 10 µA (cf. Electrical Characteristics No. 002).
After wake-up (pin NSTBY rising edge), the internal
regulated supply VDD is generated again.
The re-
quired time Tvdd depends on the capacitor connected
to the VDD pin (cf. Electrical Characteristics No. 504).
Once the VDD voltage level is correct, iC-HT enters an
offset compensation procedure regardless of the state
of the laser enable pins (EC1, EC2). During this time
(Ten), EC1 and EC2 are ignored and laser cannot be
switched on (cf. Electrical Characteristics No. 111). Af-
ter this time (Ten), laser channels can be switched on.
The switch-on procedure needs an initial time (Tci) to
reach the 80 % of the target light power (in APC mode)
or laser current (in ACC mode) (cf. Electrical Char-
acteristics No. 112) and an additional time (Tcio) to
reach the 99 % of the value (cf. Electrical Characteris-
tics No. 113 ). Figure 19 illustrates an startup example
for channel 1 in iC-WK mode.
NSTBY
VDDOK
EC1
I(LDK1)
VDD
Tci
Tcio
Ten
TVdd
Figure 19: Startup timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com