Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HT Datasheet HTML 1Page - IC-Haus GmbH IC-HT Datasheet HTML 2Page - IC-Haus GmbH IC-HT Datasheet HTML 3Page - IC-Haus GmbH IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 3/42
PACKAGING INFORMATION QFN28 5 mm x 5 mm to JEDEC
PIN CONFIGURATION QFN28 5 mm x 5 mm
(topview)
1
2
3
4
5
6
7
8 9 10 11 12 13 14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
PIN FUNCTIONS
No. Name
Function
1 LDK1
Laser Diode Cathode for channel 1
2 LDK1
Laser Diode Cathode for channel 1
3 AGND1
Analog Ground for channel 1
4 CI1
Integration Capacitor for channel 1
5 CIL1
Integration Capacitor for channel 1,
low side
6 MDA1
Monitor Diode Anode for channel 1
7 MRL1
Monitor Resistor for channel 1, low
side
8 EMC
Enable Microcontroller input
9 SCLK/SCL SPI Clock / I²C Clock
10 MISO/SDA SPI Master In Slave OUT / I²C Data
11 MOSI/A0
SPI Master Out Slave In / I²C Ad-
dress Bit 0
12 NCS/A1
Chip Select, active low / I²C Ad-
dress bit 1
13 EC1
Enable Channel 1 input
14 EC2
Enable Channel 2 input
15 MRL2
Monitor Resistor for channel 2, low
side
16 MDA2
Monitor Diode Anode for channel 2
17 CIL2
Integration Capacitor for channel 2,
low side
18 CI2
Integration Capacitor for channel 2
19 AGND2
Analog Ground for channel 2
20 LDK2
Laser Diode Cathode for channel 2
21 LDK2
Laser Diode Cathode for channel 2
22 GND
Ground
23 DCO
Digital Current Output
24 INS/WKR
I²C or SPI selection input / Refer-
ence voltage selection in iC-WK
mode
25 VDD
3.3 V output supply
26 VB
Power supply
27 NCHK
Error output, active low
28 NSTBY
Standby input, active low
TP
Thermal Pad (GND)
The Thermal Pad is to be connected to a Ground Plane (GND, AGND1. . . 2) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation (
HT label and coding is subject
to change).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com