Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 39 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 39 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH IC-HT Datasheet HTML 38Page - IC-Haus GmbH IC-HT Datasheet HTML 39Page - IC-Haus GmbH IC-HT Datasheet HTML 40Page - IC-Haus GmbH IC-HT Datasheet HTML 41Page - IC-Haus GmbH IC-HT Datasheet HTML 42Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 39/42
Channel 1 configuration registers
EACC1
Addr. 0x10; bit 0
R/W 0
0
APC mode enabled for channel 1 (light power
regulation)
1
ACC mode enabled for channel 1 (laser current
regulation)
Table 89: Enable APC/ACC channel 1
ECIE1
Addr. 0x10; bit 1
R/W 0
0
External CI capacitor for channel 1 disconnected
1
External CI capacitor for channel 1 connected
Table 90: Enable external CI capacitor channel 1
DISP1
Addr. 0x10; bit 2
R/W 0
0
PLR enabled for channel 1
1
PLR disabled for channel 1
Table 91: Disable PLR channel 1
DISC1
Addr. 0x10; bit 3
R/W 1
0
Channel 1 can be enabled by EC1 pin
1
Channel 1 cannot be enabled by EC1 pin
Table 92: Disable channel 1
EOC1
Addr. 0x10; bit 4
R/W 1
0
Channel 1 regulator offset compensation disabled
1
Channel 1 regulator offset compensation enabled
Table 93: Enable offset compensation channel 1
ADCC1(2:0)
Addr. 0x10; bit 7:5
R/W 000
0xx
Channel 1 ADC disabled
100
Channel 1 ADC sourced by V(MDA1), ADSNF1 = 0
100
Channel 1 ADC sourced by V(PLR1), ADSNF1 = 1
101
Channel 1 ADC sourced by V(VB)
110
Channel 1 ADC sourced by V(VDD)
111
Channel 1 ADC sourced by V(LDK1)
Table 94: ADC source selection channel 1
ILIM1
Addr. 0x11; bit 7:0
R/W 0xFF
0x00
Channel 1 overcurrent threshold set to the
minimum current
. . .
Channel 1 overcurrent threshold set to
Ilim = (∆ I(LDK ) · n), n from 0 to 255
0xFF
Channel 1 overcurrent threshold set to the
maximum current
Table 95: Overcurrent threshold configuration chan-
nel 1
RMD1
Addr. 0x12; bit 7:0
R/W 0xFF
0x00
PLR1 set to the minimum resistance
. . .
PLR1 resistor set to
Rmd = Rmd0(1 +
∆
Rmd (%)
100
)n+1, n from 0 to 255
0xFF
PLR1 resistor set to the maximum resistance
Table 96: MDA resistor channel 1
COMP1
Addr. 0x13; bit 6:4
R/W 011
000
Minimum compensation current for the channel 1
regulator, slower response
. . .
111
Maximum compensation current for the channel 1
regulator, faster response
Table 97: Current compensation channel 1
RLDKS1
Addr. 0x13; bit 3:2
R/W 00
00
V(LDK1) < 0.5 V sets the LDKSAT1 alarm bit
01
V(LDK1) < 0.8 V sets the LDKSAT1 alarm bit
10
V(LDK1) < 1.0 V sets the LDKSAT1 alarm bit
11
V(LDK1) < 1.2 V sets the LDKSAT1 alarm bit
Table 98: LDK saturation threshold selection channel 1
REF1
Addr. 0x13/14; bit 9:0
R/W 0x000
0x000
Channel 1 regulator reference voltage set to
minimum voltage
. . .
Channel 1 regulator reference voltage set to
Vref = Vref0(1 +
∆
Vref (%)
100
)n+1, n from 0 to 1023
0x3FF
Channel 1 regulator reference voltage set to
maximum voltage
Table 99: Regulator voltage reference channel 1
RACC1
Addr. 0x1A; bit 0
R/W 0
0
Current range high for channel 1
1
Current range low for channel 1
Table 100: Current range configuration channel 1
ADSNF1
Addr. 0x1A; bit 2
R/W 0
0
ADC measurement MDA1 pad (force)
1
ADC measurement PLR1 (sense)
Table 101: ADC channel 1 sense/force selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com