Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 21/42
255
R
8 Bit
..10 nF..
TEMPERATURE
MONITOR 8 Bit
VDD REGULATOR
LASER CHANNEL 1
LASER CHANNEL 2
DUAL CW LASER DIODE DRIVER
RM1
ADC2(7:0)
ADCC1(2:0)
0x10
0x1F
0x30
0x3F
1μF
IO DRIVERS
REGISTERS
SPI/I2C
SLAVE
RAM
10 Bit
A
D
8 Bit
A
D
0x02
TEMP(7:0)
0x11
ILIM1(7:0)
0x13
REF1(9:8)
0x14
REF1(7:0)
0x12
RMD1(7:0)
0x16
ILIM2(7:0)
0x18
0
TIMER
OSCILLATOR
LASER
CONTROL
ACC
APC
PLR1
REF2(9:8)
0x19
REF2(7:0)
0x17
RMD2(7:0)
INTEGRITY
RAM
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
OVC
PODO
OVT
MEMERR
10 Bit
A
D
0x10
0x03
ADC1(9:8)
0x04
ADC1(7:0)
0x05
ADC2(9:8)
0x06
1μF
CFGTIMO
WATCHDOG
WATCHDOG
+
-
CVDD
CVB
+
-
N
..750mA
CI1
MISO/SDA
INS/WKR
NSTBY
EC1
VB
VDD
LDK1
GND
T.PAD
EACC1
ADSNF1
OVC1
DISP1
EMC
CI
AGND1
CI
LDK1
2.8...8V
VB
CIL1
VDD
GND
REF
MRL1
NCHK
Check
VB
MRL2
MDA2
AGND2
CIL2
CI2
LDK2
MDA1
CI1
ECIE1
DCO
EC2
EMC
NCS/A1
MOSI/A0
SCLK/SCL
N
..750mA
CI1
CVDD
CVB
Figure 9: Additional photodiode in combined configuration
SERIAL COMMUNICATION INTERFACES
SPI slave interface
The SPI slave interface is enabled by setting pin
INS/WKR to lo and uses pins NCS/A1, SCLK/SCL,
MISO/SDA and MOSI/A0. Pin NCS/A1 is the chip se-
lect pin and must be set lo by the SPI master in order
to start communication. Pins MISO/SDA and MOSI/A0
are the data communication lines and pin SCLK/SCL
is the clock line generated by the SPI master (e.g. mi-
crocontroller). The SPI protocol frames are shown in
figure 10.
A communication frame consists of one address byte
and at least one data byte. Bits 7:6 of the address byte
is the opcode used for selecting a read operation (set
to "10") or a write (set to "01") operation. The remain-
ing 6 bits are used for register addressing.
It is possible to transmit several bytes consecutively,
if the NCS signal is not reset and SCLK/SCL keeps
clocking, as it is shown in figure 10. The address is in-
ternally incremented after each transmitted byte. Once
the address reaches the last register (0x3F), it is reset
back to 0x00.
13
14
15
MOSI
SPI READ COMMAND FRAME. OPCODE = 10, POLARITY = 0, PHASE = 0
SPI WRITE COMMAND FRAME. OPCODE = 01, POLARITY = 0, PHASE = 0
NCS
Don't care
16
17
Data n
HIZ
MISO
HIZ (Pull-Up) Don't care
Data 1 MSB first
Data 2
Init Addr.(5:0) MSB first
SCLK
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
MOSI
0
1
SCLK
Data 1 MSB first
Data 2
16
17
Data n
Don't care
MISO
HIZ (Pull-Up) Don't care
NCS
2
Init Addr.(5:0) MSB first
3
4
5
6
7
8
9
10
11
12
Figure 10: SPI read and write commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com