Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 32 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 32 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 28Page - IC-Haus GmbH IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 32/42
DIGITAL INTERFACE AND MEMORY INTEGRITY MONITOR
iC-HT provides a microcontroller slave interface by se-
lection on the EMC pin. iC-HT support the interfaces
SPI or I²C that are selected by the INS/WKR pin.
EMC
Addr. Pin;
lo
iC-WK-mode, digital interfaces disabled
Open
Not allowed, error signaled
hi
MCU mode, interface selected by INS/WKR
enabled
Table 64: Enable microcontroller
INS/WKR
Addr. Pin;
lo
SPI interface selected
Open
Not allowed, error signaled.
hi
I²C interface selected
Table 65: Interface selection I²C or SPI
The configuration memory is integrity monitored and
atomic executable (all at once: changes of the config-
urations without any direct effects, the changes are ex-
ecuted at once by command ) to the functional blocks
of iC-HT.
Integrity monitoring is implemented by a duplication of
the configuration registers into a validation page (see
description below) where the register are automatically
copied with inverted value. Every register bit is com-
pared with its validation copy and in case of difference,
a memory error is generated and both laser channels
are switched off.
Atomic appliance is achieved by latching the configu-
ration registers. This permits a full configuration (differ-
ent registers) to be made prior to apply it to the laser
channels. iC-HT has two different modes selectable by
the MODE(1:0) register (addr. 0x1C).
MODE(1:0)
Addr. 0x1C; bit 1:0
R/W 01
00
Invalid parameter
01
Operation mode
10
Configuration mode
11
Invalid parameter
Table 66: Configuration and operation mode
In Configuration mode, the configuration memory
(addr. 0x10 to 0x1F) can be written and read back to
check a correct communication without changing the
present configured operation state of the iC-HT. In this
mode, the memory integrity check is disabled.
iC-HT will monitor the time elapsed in configuration
mode and automatically switch the laser off if it ex-
ceeds a configuration mode timeout. The time in con-
figuration mode must less than 40 ms for ensuring that
no configuration timeout occurs during configuration
(cf. Electrical Characteristics No. E02). The timeout
can be up to 164 ms.
When writing the configuration is completed, iC-HT is
switched to operation mode by writing "10" into the
MODE register (addr. 0x1C). In operation mode the
configuration is applied to the iC-HT and the memory
integrity check activated. In this mode configuration
registers can only be read (except MODE(1:0) regis-
ter, which is always accessible). Figure 18 shows the
interface to memory stucture.
RNW
RNW_RAM
MEMERR
LATCH
CFG(127:0)
CHECK
ERROR
DB(7:0)
RAM
Addr.
Decoder
RNW_VAL
VALIDATION
SPI / I2C
Addr. 0x1C
0x10
0x1F
MODE
0x30
0x3F
ADR(6:0)
Figure 18: Interface, RAM integrity monitoring and configuration latching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com