Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 41 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 41 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH IC-HT Datasheet HTML 38Page - IC-Haus GmbH IC-HT Datasheet HTML 39Page - IC-Haus GmbH IC-HT Datasheet HTML 40Page - IC-Haus GmbH IC-HT Datasheet HTML 41Page - IC-Haus GmbH IC-HT Datasheet HTML 42Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 41/42
General configuration registers
RDCO
Addr. 0x1B; bit 5:0
R/W 0x02
0x00
No current
. . .
0x3F
140 µA Typ (see spec point D01)
Table 115: DCO current control
MERGE
Addr. 0x1B; bit 6
R/W 0
0
Channel 1 and 2 operate independently
1
Power transistor from channel 2 usable in parallel
with channel 1, regulation made by channel 1.
Table 116: Channel combination
MODE(1:0)
Addr. 0x1C; bit 1:0
R/W 01
00
Not allowed, signaled as memory error
01
Chip set in operation mode
(apply configuration, latch transparent)
10
Chip set in configuration mode
(hold previous configuration)
11
Not allowed, signaled as memory error
Table 117: Configuration and operation mode
MOSCERR
Addr. 0x1D; bit 0
R/W 0
0
Oscillator error (watchdog) will be signaled at
NCHK
1
Oscillator error (watchdog) will not be signaled at
NCHK
Table 118: Oscillator watchdog error mask
MMONC
Addr. 0x1D; bit 1
R/W 1
0
MONC1 and MONC2 event
will be signaled at NCHK
1
MONC1 and MONC2 event
will not be signaled at NCHK
Table 119: Monitor channel 1 and 2 event mask
MLDKSAT1
Addr. 0x1D; bit 2
R/W 1
0
LDKSAT1 event will be signaled at NCHK
1
LDKSAT1 event will not be signaled at NCHK
Table 120: LDK saturation error mask channel 1
MLDKSAT2
Addr. 0x1D; bit 3
R/W 1
0
LDKSAT2 event will be signaled at NCHK
1
LDKSAT2 event will not be signaled at NCHK
Table 121: LDK saturation error mask channel 2
SOVT
Addr. 0x1D; bit 4
R/W 0
0
No overtemperature event is simulated.
1
Overtemperature event simulated.
Table 122: Simulate overtemperature
SOVC1
Addr. 0x1D; bit 5
R/W 0
0
No Overcurrent event at channel 1 is simulated.
1
Overcurrent event at channel 1 simulated.
Table 123: Simulate overcurrent channel 1
SOVC2
Addr. 0x1D; bit 6
R/W 0
0
No overcurrent event at channel 2 is simulated.
1
Overcurrent event at channel 2 simulated.
Table 124: Simulate overcurrent channel 2
SOSCERR
Addr. 0x1D; bit 7
R/W 0
0
No oscillator error simulated.
1
Oscillator error simulated (watchdog timeout).
Table 125: Simulate oscillator error
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com