Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 16/42
EACC2
Addr. 0x15; bit 0
R/W 0
0
APC mode enabled for channel 2
1
ACC mode enabled for channel 2
Table 23: APC/ACC in channel 2
In ACC mode the internal programmable logarithmic
monitor resistor (PLR) is not used. Instead the inter-
nal RACCx resistor is used set the current. Figure 5
shows an example of this configuration.
Two different current ranges can be set through regis-
ter bit RACCx, with RACCx = 1 for up to 90 mA and
with RACCx = 0 for up to 750 mA (cf. Electrical Char-
acteristics No. 114).
10 Bit
A
D
ACC
APC
RACC
PLR1
..10 nF..
0
255
R
8 Bit
LASER CHANNEL 1
10 Bit
A
D
..750mA
CI1
8 Bit
A
D
+
-
MRL1
MDA1
AGND1
CIL1
CI1
LDK1
DCO
ECIE1
VB
VDD
LDK1
ADSNF1
OVC
DISP1
EMC
..750mA
CI1
Figure 5: ACC mode simplified
RACC1
Addr. 0x1A; bit 0
R/W 0
0
Current range high for channel 1
1
Current range low for channel 1
Table 24: RACC1 configuration
RACC2
Addr. 0x1A; bit 4
R/W 0
0
Current range high for channel 2
1
Current range low for channel 2
Table 25: RACC2 configuration
In each range, the particular overcurrent threshold
value can be set in register ILIMx.
ILIM1
Addr. 0x11; bit 7:0
R/W 0xFF
0x00
Channel 1 overcurrent threshold set to minimum
current
. . .
Channel 1 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 0 to 255
0xFF
Channel 1 overcurrent threshold set to maximum
current
Table 26: Overcurrent threshold configuration channel
1
ILIM2
Addr. 0x16; bit 7:0
R/W 0xFF
0x00
Channel 2 overcurrent threshold set to minimum
current
. . .
Channel 2 overcurrent threshold set to
Ilim = (∆I(LDK ) · n), n from 0 to 255
0xFF
Channel 2 overcurrent threshold set to maximum
current
Table 27: Overcurrent threshold configuration channel
2
An overcurrent event can be simulated using bit
SOVCx. If SOVCx = 1, the corresponding overcurrent
error bit OVCx will be set to 1, the error will be signaled
through NCHK and the corresponding laser channel
will be disabled.
The overcurrent error will remain
forced until SOVCx = 0.
SOVC1
Addr. 0x1D; bit 5
R/W 0
0
No overcurrent event at channel 1 is simulated.
1
Overcurrent event at channel 1 simulated.
Table 28: Simulate overcurrent channel 1
SOVC2
Addr. 0x1D; bit 6
R/W 0
0
No overcurrent event at channel 2 is simulated.
1
Overcurrent event at channel 2 simulated.
Table 29: Simulate overcurrent channel 2
In ACC mode, the MDAx pin can be monitored through
a 10 bit A/D converter. This can be used for measur-
ing the laser light power, if a photodiode is connected
to pin MDAx, as it is shown in figure 6. This allows ad-
justing the voltage reference in order to set the laser
current and obtain the desired laser light power.
The internal programmable logarithmic monitor Resis-
tor (PLR), if enabled (DISPx = 0), gives feedback for
the current control through the 10 bit A/D converter.
Register bit ADSNFx must be set to 1 in order to mea-
sure the internal sense node.
An external monitor
resistor can be used to measure the optical power,
achieved by setting DISPx to 1. Therefore register bit
ADSNFx must be set to 0 in order to measure directly
at pin MDAx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com