Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 22 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 22 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH IC-HT Datasheet HTML 25Page - IC-Haus GmbH IC-HT Datasheet HTML 26Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 22/42
I²C slave interface
The I²C slave interface is enabled by setting pin
INS/WKR to hi and uses pins NCS/A1, SCLK/SCL,
MISO/SDA and MOSI/A0. The protocol frames are
shown in figure 11.
A communication frame consists of one slave address
byte, one register address byte and at least one data
byte. Bits 7:1 of the slave address byte form the slave
identification code (ID) and bit 0 is used for specifica-
tion of the data direction (0 for write, 1 for read). The
slave ID consists of 7 bits. The five most significant bits
are fixed by default to value 0b11000. Pins MOSI/A0
and NCS/A1 are used to set the remaining slave ID
bits (see table 43 and 44).
Action
b7
b6
b5
b4
b3
b2
b1
b0
Write to slave
1
1
0
0
0
A1
A0
0
Read from slave
1
1
0
0
0
A1
A0
1
Table 43: I²C write/read byte
Action
A1
A0
Slave ID
Address byte
Write to slave 0
lo
lo
0x60
0xC0
Read from slave 0
lo
lo
0x60
0xC1
Write to slave 1
lo
hi
0x61
0xC2
Read from slave 1
lo
hi
0x61
0xC3
Write to slave 2
hi
lo
0x62
0xC4
Read from slave 2
hi
lo
0x62
0xC5
Write to slave 3
hi
hi
0x63
0xC6
Read from slave 3
hi
hi
0x63
0xC7
Table 44: I²C write/read address
0
4
5
6
7
8
9
10
11
A1:A0
Slave ACK
WR='0'
Addr. MSB first
Start
Stop
18
1
Addr. MSB first
Start
SCL
2
Slave ACK
I2C WRITE COMMAND FRAME.
3
24
25
26
A1:A0
RD='1'
Data 1
27
Slave ACK
20
Data 1
Data 2
28
Slave ACK
Data 1
34
35
Data 1
19
.
SCL
0
1
2
3
Master ACK
36
37
Data 2
37
Stop
Data n
A1:A0
WR='0'
Repeated Start
19
Data n
25
26
27
Slave ACK
4
5
6
7
8
9
10
11
12
13
14
15
SDA
16
17
I2C READ COMMAND FRAME.
12
13
14
15
SDA
16
17
18
Figure 11: I²C read and write commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com