Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 36 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 36 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH IC-HT Datasheet HTML 38Page - IC-Haus GmbH IC-HT Datasheet HTML 39Page - IC-Haus GmbH IC-HT Datasheet HTML 40Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 36/42
PARAMETERS
Register
Address
Bits
Default
Description
ADCC1
0x10
7:5
000
Configuration for ADC from channel 1
ADCC2
0x15
7:5
000
Configuration for ADC from channel 2
ADSNF1
0x1A
2
0
MDA force/sense for ADC measurement in channel 1
ADSNF2
0x1A
6
0
MDA force/sense for ADC measurement in channel 2
RACC1
0x1A
0
0
Channel 1 ACC resistor mirror factor
RACC2
0x1A
4
0
Channel 2 ACC resistor mirror factor
COMP1
0x13
6:4
011
Channel 1 regulator compensation current
COMP2
0x18
6:4
011
Channel 2 regulator compensation current
DISC1
0x10
3
1
Software disable for channel 1
DISC2
0x15
3
1
Software disable for channel 2
DISP1
0x10
2
0
Disable PLR for channel 1
DISP2
0x15
2
0
Disable PLR for channel 2
EACC1
0x10
0
0
Enable ACC mode for channel 1
EACC2
0x15
0
0
Enable ACC mode for channel 2
ECIE1
0x10
1
0
Enable external CI capacitor for channel 1
ECIE2
0x15
1
0
Enable external CI capacitor for channel 2
EOC1
0x10
4
1
Enable offset compensation for channel 1
EOC2
0x15
4
1
Enable offset compensation for channel 2
ILIM1
0x11
7:0
0xFF
Current limit at channel 1
ILIM2
0x16
7:0
0xFF
Current limit at channel 2
MERGE
0x1B
6
0
MERGE channels 1 and 2, controlled by channel 1
MLDKSAT1
0x1D
2
1
LDKSAT1 error mask
MLDKSAT2
0x1D
3
1
LDKSAT2 error mask
MMONC
0x1D
1
1
MONC error mask
MODE
0x1C
1:0
01
Configuration / Operation mode selection
MOSCERR
0x1D
0
0
OSCERR error mask
RDCO
0x1B
5:0
0x02
DC converter set point
REF1
0x13/0x14
9:0
0x000
Voltage reference at channel 1
REF2
0x18/0x19
9:0
0x000
Voltage reference at channel 2
RLDKS1
0x13
3:2
00
Channel 1 LDK saturation detector threshold
RLDKS2
0x18
3:2
00
Channel 2 LDK saturation detector threshold
RMD1
0x12
7:0
0xFF
Resistor at channel 1
RMD2
0x17
7:0
0xFF
Resistor at channel 2
SOSCERR
0x1D
7
0
Oscillator error simulation (watchdog timeout)
SOVC1
0x1D
5
0
Overcurrent event at channel 1 simulation
SOVC2
0x1D
6
0
Overcurrent event at channel 2 simulation
SOVT
0x1D
4
0
Overtemperature event simulation
Reserved
0x1A
7:0
0x00
Reserved
Reserved
0x1F
7:0
0x00
Reserved
Table 68: Parameter overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com