Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 20 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 20 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 16Page - IC-Haus GmbH IC-HT Datasheet HTML 17Page - IC-Haus GmbH IC-HT Datasheet HTML 18Page - IC-Haus GmbH IC-HT Datasheet HTML 19Page - IC-Haus GmbH IC-HT Datasheet HTML 20Page - IC-Haus GmbH IC-HT Datasheet HTML 21Page - IC-Haus GmbH IC-HT Datasheet HTML 22Page - IC-Haus GmbH IC-HT Datasheet HTML 23Page - IC-Haus GmbH IC-HT Datasheet HTML 24Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 20/42
OVC
MEMERR
0x19
REF2(7:0)
PLR1
D
A
A
10 Bit
REF1(7:0)
0x12
1μF
ADCC1(2:0)
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
0x13
REF1(9:8)
RMD1(7:0)
D
REGISTERS
SPI/I2C
TEMP(7:0)
0x11
ILIM1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
RAM
LASER CHANNEL 1
R
D
A
8 Bit
0x18
REF2(9:8)
0x17
RMD2(7:0)
INTEGRITY
OVT
0x04
ADC1(7:0)
0x10
0x1F
0x30
0x3F
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
0x02
1μF
255
0
RM1
0x03
ADC1(9:8)
..10 nF..
0x10
10 Bit
APC
8 Bit
ACC
IO DRIVERS
SLAVE
RAM
ILIM2(7:0)
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
PODO
MONITOR 8 Bit
..750mA
N
CVB
CVDD
+
-
+
-
CI1
GND
VDD
VB
REF
ADSNF1
EACC1
OVC1
DISP1
EMC
MDA1
2.8...8V
VB
AGND2
LDK2
CI
LDK1
CIL1
AGND1
CI2
MDA2
CIL2
MRL2
MRL1
CI1
CI
ECIE1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MISO/SDA
SCLK/SCL
MOSI/A0
NCS/A1
EC2
VDD
VB
LDK1
EMC
T.PAD
..750mA
N
CVB
CVDD
CI1
Figure 8: Combining both channels
In combined mode, the internal CI nodes of both chan-
nels are connected together. If required, an external
capacitor on channel 1 can be used for improved sta-
bility. It is possible to have an additional external ca-
pacitor on channel 2 if ECIE2 bit is set to 1. Having an
external capacitor on channel 2 and none on channel
1 is invalid.
On combined operation both overcurrent thresholds
are active. The overcurrent threshold channel 1 needs
to be set to to 50% and the overcurrent threshold chan-
nel 2 should be disabled by setting it to its maximum
value (0xFF). An overcurrent will only be detected on
channel 1.
It is possible to use a second photodiode connected
to channel 2 (e.g. as a safety supervisor). The ADC
on channel 2 can be used to monitor the voltage at pin
MDA2, as it is shown in figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com