Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HT Datasheet(PDF) 33 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 33 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 29Page - IC-Haus GmbH IC-HT Datasheet HTML 30Page - IC-Haus GmbH IC-HT Datasheet HTML 31Page - IC-Haus GmbH IC-HT Datasheet HTML 32Page - IC-Haus GmbH IC-HT Datasheet HTML 33Page - IC-Haus GmbH IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 33/42
Register map description
The register map consists of 64 addresses subdivided
in three different pages:
• Read-only page, addr. 0x00 to 0x0F: iC-HT sta-
tus, ADC readouts, thermometer readout and
chip revision.
• Configuration page (integrity monitored), read-
write registers, addr. 0x10 to 0x1F.
• Validation page, read-write registers, addr. 0x30
to 0x3F.
Read-only registers
Read-only registers are sub-divided as well into sta-
tus registers (addr. 0x00 to 0x01) and measurement
registers. Status registers are normally latched to 1
on events and cleared on read (see individual regis-
ter description). Measurement registers are dual-port
and can be accessed simultaneously with the mea-
surements in progress. ADC1(addr. 0x03 to 0x04) and
ADC2 (addr. 0x05 to 0x06) are 10 bit registers split
into two 8 bit registers each and must be accessed in
block mode (automatic address increment) to ensure
data not changing during the read.
Configuration page (integrity monitored)
The configuration page (addr. 0x10 to 0x1F) contains
the registers that control the driver. Every write opera-
tion to any of the registers of this page will be internally
duplicated to the correspondent register at the valida-
tion page. After the write operation, the correspondent
validation register will contain the inverted value of the
configuration register.
Validation page
The validation page (addr. 0x30 to 0x3F) can be read
or written normally. Only when a write procedure is
made to any of the configuration registers the corre-
spondent validation pair will be written with the inverted
value of the configuration register as well.
Both the configuration and validation pages are initial-
ized during power-up. This event is signaled at the
STATUS0 register (bit 0, INITRAM). In standby mode
(NSTBY = lo) the RAM is not reset if any write com-
mand has been executed and therefore, configuration
and validation pages keep the stored information and
INITRAM remains unset. Entering standby mode af-
ter power-up without any write command, the RAM
will be initialized again and the INITRAM bit will be
set to 1 again. Any VDD power-down event signaled
at the STATUS0 register outside the standby mode
(NSTBY = hi) requires a RAM content check regard-
less of the state of the INITRAM bit to ensure data is
not corrupted.
Possible start-up sequence:
1. iC-HT starts in operation mode with default con-
figuration.
INITRAM and PDOVDD error bits
must be set in STATUS0, DISC1 (addr. 0x10, bit
3) and DISC2 (addr. 0x15, bit 3) are set to 1.
2. Write MODE(1:0) = "10" register (Addr. 0x1C) to
enable the configuration mode.
3. Configure the laser channels.
4. Read back to verify a correct data transfer.
5. Set the DISC1, DISC2 bits to 0 on used chan-
nels.
6. Read the status registers(addr.
0x00, 0x01,
0x02) to detect possible errors and validate sta-
tus. If any error exist, read again to ensure its
validation.
7. Write MODE(1:0) = "01" register (addr. 0x1C) to
apply the configuration and enable the memory
integrity check.
8. During operation: monitor the status registers
checking for errors. The NCHK pin signals any
set status bit if not masked. This pin can be used
to trigger an microcontroller interrupt line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com