Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 106Page - Advanced Micro Devices AM79C975 Datasheet HTML 107Page - Advanced Micro Devices AM79C975 Datasheet HTML 108Page - Advanced Micro Devices AM79C975 Datasheet HTML 109Page - Advanced Micro Devices AM79C975 Datasheet HTML 110Page - Advanced Micro Devices AM79C975 Datasheet HTML 111Page - Advanced Micro Devices AM79C975 Datasheet HTML 112Page - Advanced Micro Devices AM79C975 Datasheet HTML 113Page - Advanced Micro Devices AM79C975 Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 304 page
background image
110
Am79C973/Am79C975
P R E L I M INARY
All I/O resources must be accessed in word quantities
and on word addresses. The Address PROM locations
can also be read in byte quantities. The only allowed
DWord operation is a write access to the RDP, which
switches the device to DWord I/O mode. A read access
other than listed in the table below will yield undefined
data, a write operation may cause unexpected repro-
gramming of the Am79C973/Am79C975 control regis-
ters. Table 21 shows legal I/O accesses in Word I/O
mode.
Double Word I/O Mode
The Am79C973/Am79C975 controller can be config-
ured to operate in DWord (32-bit) I/O mode. The soft-
ware can invoke the DWIO mode by performing a
DWord write access to the I/O location at offset 10h
(RDP). The data of the write access must be such that
it does not affect the intended operation of the
Am79C973/Am79C975 controller. Setting the device
into 32-bit I/O mode is usually the first operation after
H_RESET or S_RESET. The RAP register will point to
CSR0 at that time. Writing a value of 0 to CSR0 is a
safe operation. DWIO (BCR18, bit 7) will be set to 1 as
an indication that the Am79C973/Am79C975 controller
operates in 32-bit I/O mode.
Note: Even though the I/O resource mapping changes
when the I/O mode setting changes, the RDP location
offset is the same for both modes. Once the DWIO bit
has been set to 1, only H_RESET can clear it to 0. The
DWIO mode setting is unaffected by S_RESET or set-
ting of the STOP bit. Table 22 shows how the 32 bytes
of address space are used in DWord I/O mode.
All I/O resources must be accessed in DWord quanti-
ties and on DWord addresses. A read access other
than listed in Table 23 will yield undefined data, a write
operation may cause unexpected reprogramming of
the Am79C973/Am79C975 control registers.
Table 20. I/O Map In Word I/O Mode (DWIO = 0)
Offset
No. of
Bytes
Register
00h - 0Fh
16
APROM
10h
2
RDP
12h
2
RAP (shared by RDP and BDP)
14h
2
Reset Register
16h
2
BDP
18h - 1Fh
8
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com