Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 107Page - Advanced Micro Devices AM79C975 Datasheet HTML 108Page - Advanced Micro Devices AM79C975 Datasheet HTML 109Page - Advanced Micro Devices AM79C975 Datasheet HTML 110Page - Advanced Micro Devices AM79C975 Datasheet HTML 111Page - Advanced Micro Devices AM79C975 Datasheet HTML 112Page - Advanced Micro Devices AM79C975 Datasheet HTML 113Page - Advanced Micro Devices AM79C975 Datasheet HTML 114Page - Advanced Micro Devices AM79C975 Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 304 page
background image
Am79C973/Am79C975
111
P R E L I M INARY
Table 23. Legal I/O Accesses in Double Word I/O
Mode (DWIO =1)
Table 21. Legal I/O Accesses in Word I/O Mode (DWIO = 0)
AD[4:0]
BE[3:0]
Type
Comment
0XX00
1110
RD
Byte read of APROM location 0h, 4h, 8h or Ch
0XX01
1101
RD
Byte read of APROM location 1h, 5h, 9h or Dh
0XX10
1011
RD
Byte read of APROM location 2h, 6h, Ah or Eh
0XX11
0111
RD
Byte read of APROM location 3h, 7h, Bh or Fh
0XX00
1100
RD
Word read of APROM locations 1h (MSB) and 0h (LSB), 5h and 4h, 8h and 9h or
Ch and Dh
0XX10
0011
RD
Word read of APROM locations 3h (MSB) and 2h (LSB), 7h and 6h, Bh and Ah or
Fh and Eh
10000
1100
RD
Word read of RDP
10010
0011
RD
Word read of RAP
10100
1100
RD
Word read of Reset Register
10110
0011
RD
Word read of BDP
0XX00
1100
WR
Word write to APROM locations 1h (MSB) and 0h (LSB), 5h and 4h, 8h and 9h or
Ch and Dh
0XX10
0011
WR
Word write to APROM locations 3h (MSB) and 2h (LSB), 7h and 6h, Bh and Ah or
Fh and Eh
10000
1100
WR
Word write to RDP
10010
0011
WR
Word write to RAP
10100
1100
WR
Word write to Reset Register
10110
0011
WR
Word write to BDP
10000
0000
WR
DWord write to RDP,
switches device to DWord I/O mode
Table 22. I/O Map In DWord I/O Mode (DWIO =1)
Offset
No. of Bytes
Register
00h - 0Fh
16
APROM
10h
4
RDP
14h
4
RAP (shared by RDP and
BDP)
18h
4
Reset Register
1Ch
4
BDP
AD[4:0]
BE[3:0]
Type
Comment
0XX00
0000
RD
DWord read of APROM
locations 3h (MSB) to 0h
(LSB),
7h to 4h, Bh to 8h or Fh to
Ch
10000
0000
RD
DWord read of RDP
10100
0000
RD
DWord read of RAP
11000
0000
RD
DWord read of Reset
Register
0XX00
0000
WR
DWord write to APROM
locations 3h (MSB) to 0h
(LSB),
7h to 4h, Bh to 8h or Fh to
Ch
10000
0000
WR
DWord write to RDP
10100
0000
WR
DWord write to RAP
11000
0000
WR
DWord write to Reset
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com