Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 108Page - Advanced Micro Devices AM79C975 Datasheet HTML 109Page - Advanced Micro Devices AM79C975 Datasheet HTML 110Page - Advanced Micro Devices AM79C975 Datasheet HTML 111Page - Advanced Micro Devices AM79C975 Datasheet HTML 112Page - Advanced Micro Devices AM79C975 Datasheet HTML 113Page - Advanced Micro Devices AM79C975 Datasheet HTML 114Page - Advanced Micro Devices AM79C975 Datasheet HTML 115Page - Advanced Micro Devices AM79C975 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 304 page
background image
112
Am79C973/Am79C975
P R E L I M INARY
USER ACCESSIBLE REGISTERS
The Am79C973/Am79C975 controller has four types of
user registers: the PCI configuration registers, the Con-
trol and Status registers (CSR), the Bus Control regis-
ters (BCR), and the PHY Management registers
(ANR).
The Am79C973/Am79C975 controller implements all
PCnet-ISA (Am79C960) registers, all C-LANCE
(Am79C90) registers, plus a number of additional reg-
isters. The Am79C973/Am79C975 CSRs are compati-
ble upon power up with both the PCnet-ISA CSRs and
all of the C-LANCE CSRs.
The PCI configuration registers can be accessed in any
data width. All other registers must be accessed ac-
cording to the I/O mode that is currently selected.
When WIO mode is selected, all other register loca-
tions are defined to be 16 bits in width. When DWIO
mode is selected, all these register locations are de-
fined to be 32 bits in width, with the upper 16 bits of
most register locations marked as reserved locations
with undefined values. When performing register write
operations in DWIO mode, the upper 16 bits should al-
ways be written as zeros. When performing register
read operations in DWIO mode, the upper 16 bits of
I/O resources should always be regarded as having un-
defined values, except for CSR88.
The Am79C973/Am79C975 registers can be divided
into four groups: PCI Configuration, Setup, Running,
and Test. Registers not included in any of these cate-
gories can be assumed to be intended for diagnostic
purposes.
s PCI Configuration Registers
These registers are intended to be initialized by the
system initialization procedure (e.g., BIOS device ini-
tialization routine) to program the operation of the
Am79C973/Am79C975 controller PCI bus interface.
The following is a list of the registers that would typi-
cally need to be programmed once during the initializa-
tion of the Am79C973/Am79C975 controller within a
system:
— PCI I/O Base Address or Memory Mapped I/O
Base Address register
— PCI Expansion ROM Base Address register
— PCI Interrupt Line register
— PCI Latency Timer register
— PCI Status register
— PCI Command register
— OnNow register
s Setup Registers
These registers are intended to be initialized by the de-
vice driver to program the operation of various
Am79C973/Am79C975 controller features.
The following is a list of the registers that would typi-
cally need to be programmed once during the setup of
the Am79C973/Am79C975 controller within a system.
The control bits in each of these registers typically do
not need to be modified once they have been written.
However, there are no restrictions as to how many
times these registers may actually be accessed. Note
that if the default power up values of any of these reg-
isters is acceptable to the application, then such regis-
ters need never be accessed at all.
Note: Registers marked with “^” may be programma-
ble through the EEPROM read operation and, there-
fore, do not necessarily need to be written to by the
system initialization procedure or by the driver soft-
ware. Registers marked with “*” will be initialized by the
initialization block read operation.
CSR1
Initialization Block Address[15:0]
CSR2*
Initialization Block Address[31:16]
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR7
Extended Control and Interrupt2
CSR8*
Logical Address Filter[15:0]
CSR9*
Logical Address Filter[31:16]
CSR10*
Logical Address Filter[47:32]
CSR11*
Logical Address Filter[63:48]
CSR12*
Physical Address[15:0]
CSR13*^
Physical Address[31:16]
CSR14*^
Physical Address[47:32]
CSR15*
Mode
CSR24*
Base Address of Receive Ring Lower
CSR25*
Base Address of Receive Ring Upper
CSR30*
Base Address of Transmit Ring Lower
CSR31*
Base Address of Transmit Ring Upper
CSR47*
Transmit Polling Interval
CSR49*
Receive Polling Interval
CSR76*
Receive Ring Length
CSR78*
Transmit Ring Length
CSR80
DMA Transfer Counter and FIFO Thresh-
old Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com