Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 97Page - Advanced Micro Devices AM79C978 Datasheet HTML 98Page - Advanced Micro Devices AM79C978 Datasheet HTML 99Page - Advanced Micro Devices AM79C978 Datasheet HTML 100Page - Advanced Micro Devices AM79C978 Datasheet HTML 101Page - Advanced Micro Devices AM79C978 Datasheet HTML 102Page - Advanced Micro Devices AM79C978 Datasheet HTML 103Page - Advanced Micro Devices AM79C978 Datasheet HTML 104Page - Advanced Micro Devices AM79C978 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 261 page
background image
Am79C978
101
USER ACCESSIBLE REGISTERS
The Am79C978 controller has four types of user regis-
ters: the PCI configuration registers, the Control and
Status registers (CSRs), the Bus Control registers
(BCRs), 10BASE-T PHY Management registers
(TBRs), and 1 Mbps HomePNA PHY Management reg-
isters (HPRs).
The Am79C978 controller implements all PCnet-ISA
(Am79C960) registers, all C-LANCE (Am79C90) regis-
ters, plus a number of additional registers. The
Am79C978 CSRs are compatible upon power up with
both the PCnet-ISA CSRs and all of the C-LANCE
CSRs.
The PCI configuration registers can be accessed in any
data width. All other registers must be accessed ac-
cording to the I/O mode that is currently selected.
When WIO mode is selected, all other register loca-
tions are defined to be 16 bits in width. When DWIO
mode is selected, all these register locations are de-
fined to be 32 bits in width, with the upper 16 bits of
most register locations marked as reserved locations
with undefined values. When performing register write
operations in DWIO mode, the upper 16 bits should al-
ways be written as zeros. When performing register
read operations in DWIO mode, the upper 16 bits of
I/O resources should always be regarded as having un-
defined values, except for CSR88.
The Am79C978 registers can be divided into four
groups: PCI Configuration, Setup, Running, and Test.
Registers not included in any of these categories can
be assumed to be intended for diagnostic purposes.
n PCI Configuration Registers
These registers are intended to be initialized by the
system initialization procedure (e.g., BIOS device ini-
tialization routine) to program the operation of the con-
troller PCI bus interface.
The following is a list of the registers that would typi-
cally need to be programmed once during the initializa-
tion of the Am79C978 controller within a system:
— PCI I/O Base Address or Memory Mapped I/O
Base Address register
— PCI Expansion ROM Base Address register
— PCI Interrupt Line register
— PCI Latency Timer register
— PCI Status register
— PCI Command register
— OnNow register
n Setup Registers
These registers are intended to be initialized by the de-
vice driver to program the operation of various control-
ler features.
The following is a list of the registers that would typi-
cally need to be programmed once during the setup of
the controller within a system. The control bits in each
of these registers typically do not need to be modified
once they have been written. However, there are no re-
strictions as to how many times these registers may ac-
tually be accessed. Note that if the default power up
values of any of these registers is acceptable to the ap-
plication, then such registers need never be accessed
at all.
Note: Registers marked with “^” may be programma-
ble through the EEPROM read operation and, there-
fore, do not necessarily need to be written to by the
system initialization procedure or by the driver soft-
ware. Registers marked with “*” will be initialized by the
initialization block read operation.
CSR1
Initialization Block Address[15:0]
CSR2*
Initialization Block Address[31:16]
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR7
Extended Control and Interrupt2
CSR8*
Logical Address Filter[15:0]
CSR9*
Logical Address Filter[31:16]
CSR10*
Logical Address Filter[47:32]
CSR11*
Logical Address Filter[63:48]
CSR12*^
Physical Address[15:0]
CSR13*^
Physical Address[31:16]
CSR14*^
Physical Address[47:32]
CSR15*
Mode
CSR24*
Base Address of Receive Ring Lower
CSR25*
Base Address of Receive Ring Upper
CSR30*
Base Address of Transmit Ring Lower
CSR31*
Base Address of Transmit Ring Upper
CSR47*
Transmit Polling Interval
CSR49*
Receive Polling Interval
CSR76*
Receive Ring Length
CSR78*
Transmit Ring Length
CSR80
DMA Transfer Counter and FIFO Thresh-
old Control
CSR82
Bus Activity Timer
CSR100
Memory Error Timeout
CSR116^
OnNow Miscellaneous
CSR122
Receiver Packet Alignment Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com