Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 100Page - Advanced Micro Devices AM79C978 Datasheet HTML 101Page - Advanced Micro Devices AM79C978 Datasheet HTML 102Page - Advanced Micro Devices AM79C978 Datasheet HTML 103Page - Advanced Micro Devices AM79C978 Datasheet HTML 104Page - Advanced Micro Devices AM79C978 Datasheet HTML 105Page - Advanced Micro Devices AM79C978 Datasheet HTML 106Page - Advanced Micro Devices AM79C978 Datasheet HTML 107Page - Advanced Micro Devices AM79C978 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 261 page
background image
104
Am79C978
controller will only respond to ac-
cesses to the Expansion ROM
when both ROMEN (PCI Expan-
sion ROM Base Address register,
bit 0) and MEMEN are set to 1.
Since MEMEN also enables the
memory mapped access to the
Am79C978 I/O resources, the
PCI Memory Mapped I/O Base
Address register must be pro-
grammed with an address so that
the device does not claim cycles
not intended for it.
MEMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
0
IOEN
I/O Space Access Enable. The
Am79C978 controller will ignore
all I/O accesses when IOEN is
cleared. The host must set IOEN
before the first I/O access to the
device. The PCI I/O Base Ad-
dress
register
must
be
pro-
grammed with a valid I/O address
before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
PCI Status Register
Offset 06h
The PCI Status register is a 16-bit register that contains
status information for the PCI bus related events. It is
located at offset 06h in the PCI Configuration Space.
Bit
Name
Description
15
PERR
Parity Error. PERR is set when
the Am79C978 controller detects
a parity error.
The Am79C978 controller sam-
ples the AD[31:0], C/BE[3:0], and
the PAR lines for a parity error at
the following times:
• In slave mode, during the ad-
dress phase of any PCI bus com-
mand.
• In slave mode, for all I/O, mem-
ory, and configuration write com-
mands that select the Am79C978
controller when data is trans-
ferred (TRDY and IRDY are as-
serted).
• In master mode, during the data
phase of all memory read com-
mands.
In master mode, during the data
phase of the memory write com-
mand, the Am79C978 controller
sets the PERR bit if the target re-
ports a data parity error by as-
serting the PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (PCI Command register,
bit 6).
PERR is set by the Am79C978
controller and cleared by writing a
1. Writing a 0 has no effect.
PERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
14
SERR
Signaled SERR. SERR is set
when the Am79C978 controller
detects an address parity error
and both SERREN and PERREN
(PCI Command register, bits 8
and 6) are set.
SERR is set by the Am79C978
controller and cleared by writing a
1. Writing a 0 has no effect.
SERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
13
RMABORT Received
Master
Abort.
RM-
ABORT
is
set
when
the
Am79C978 controller terminates
a master cycle with a master
abort sequence.
RMABORT
is
set
by
the
Am79C978
controller
and
cleared by writing a 1. Writing a 0
has no effect. RMABORT is
cleared by H_RESET and is not
affected by S_RESET or by set-
ting the STOP bit.
12
RTABORT
Received
Target
Abort.
RT-
ABORT is set when a target ter-
minates an Am79C978 master
cycle with a target abort se-
quence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com