Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 9 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 5Page - AMIC Technology A43L8316 Datasheet HTML 6Page - AMIC Technology A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology A43L8316 Datasheet HTML 10Page - AMIC Technology A43L8316 Datasheet HTML 11Page - AMIC Technology A43L8316 Datasheet HTML 12Page - AMIC Technology A43L8316 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
8
AMIC Technology, Inc.
Operating AC Parameter
(AC operating conditions unless otherwise noted)
Version
Symbol
Parameter
CAS
Latency
-7
-8
-10
Unit
Note
3
tRRD(min)
Row active to row active delay
2
2
2
2
CLK
1
3
3
tRCD(min)
RAS
to CAS delay
2
2
2
3
CLK
1
3
3
tRP(min)
Row precharge time
2
2
2
3
CLK
1
3
7
6
tRAS(min)
2
5
5
6
CLK
1
3
tRAS(max)
Row active time
2
100
100
120
µs
3
10
9
tRC(min)
Row cycle time
2
7
7
10
CLK
1
3
tCDL(min)
Last data in new col. Address delay
2
1
1
1
CLK
2
3
tRDL(min)
Last data in row precharge
2
1
1
1
CLK
2
3
tBDL(min)
Last data in to burst stop
2
1
1
1
CLK
2
3
tCCD(min)
Col. Address to col. Address delay
2
1
1
1
CLK
3
2
2
2
CLK
4
Number of valid output data
2
1
1
1
CLK
Note: 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com