Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 35 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 35 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 31Page - AMIC Technology A43L8316 Datasheet HTML 32Page - AMIC Technology A43L8316 Datasheet HTML 33Page - AMIC Technology A43L8316 Datasheet HTML 34Page - AMIC Technology A43L8316 Datasheet HTML 35Page - AMIC Technology A43L8316 Datasheet HTML 36Page - AMIC Technology A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
34
AMIC Technology, Inc.
Write Interrupted by Precharge Command & Write Burst Stop Cycle (@ Burst Length = Full Page)
* Note : 1. At full page mode, burst is wrap-around at the end of burst. So auto precharge is impossible.
2. Data-in at the cycle of burst stop command cannot be written into corresponding memory cell.
It is defined by AC parameter of tBDL(=1CLK).
3. Data-in at the cycle of interrupted by precharge cannot be written into the corresponding memory cell.
It is defined by AC parameter of tRDL(1=CLK).
DQM at write interrupted by precharge command is needed to ensure tRDL of 1CLK.
DQM should mask invalid input data on precharge command cycle when asserting precharge before end of burst.
Input data after Row precharge cycle will be masked internally.
4. Burst stop is valid only at every burst length.
High
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
Row Active
(A-Bank)
: Don't care
RAa
A8/AP
CAa
RAa
WE
DQM
DAa4
DAa3
DAa1
DAa2
DAb0
DAb1
DAb2
DAb3
DQ
Precharge
(A-Bank)
Write
(A-Bank)
CAb
Write
(A-Bank)
Burst Stop
* Note 1
* Note 1
* Note 2
DAa0
DAb4
DAb5
tRDL
tBDL
* Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com