Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 5 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 5 Page - AMIC Technology

  A43L8316 Datasheet HTML 1Page - AMIC Technology A43L8316 Datasheet HTML 2Page - AMIC Technology A43L8316 Datasheet HTML 3Page - AMIC Technology A43L8316 Datasheet HTML 4Page - AMIC Technology A43L8316 Datasheet HTML 5Page - AMIC Technology A43L8316 Datasheet HTML 6Page - AMIC Technology A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
Voltage on any pin relative to VSS (Vin, Vout ) . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +4.6V
Voltage on VDD supply relative to VSS (VDD, VDDQ )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1.0V to +4.6V
Storage Temperature (TSTG) . . . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSLODER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . .1W
Short Circuit Current (Ios) . . . . . . . . . . . . . . . . . . . . 50mA
*Comments
Permanent
device
damage
may
occur
if
“Absolute
Maximum Ratings” are exceeded.
Functional operation should be restricted to recommended
operating condition.
Exposure
to
higher
than
recommended
voltage
for
extended periods of time could affect device reliability.
DC Electrical Characteristics
Recommend operating conditions (Voltage referenced to VSS = 0V)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD,VDDQ
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0
0.8
V
Note 1
Output High Voltage
VOH
2.4
-
-
V
IOH = -2mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 2mA
Input Leakage Current
IIL
-5
-
5
µA
Note 2
Output Leakage Current
IOL
-5
-
5
µA
Note 3
Output Loading Condition
See Figure 1
Note: 1. VIL (min) = -1.5V AC (pulse width
≤ 5ns).
2. Any input 0V
≤ VIN ≤ VDD + 0.3V, all other pins are not under test = 0V
3. Dout is disabled, 0V
≤ Vout ≤ VDD
Decoupling Capacitance Guide Line
Recommended decoupling capacitance added to power line at board.
Parameter
Symbol
Value
Unit
Decoupling Capacitance between VDD and VSS
CDC1
0.1 + 0.01
µF
Decoupling Capacitance between VDDQ and VSSQ
CDC2
0.1 + 0.01
µF
Note: 1. VDD and VDDQ pins are separated each other.
All VDD pins are connected in chip. All VDDQ pins are connected in chip.
2. VSS and VSSQ pins are separated each other
All VSS pins are connected in chip. All VSSQ pins are connected in chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com