Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 21 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 17Page - AMIC Technology A43L8316 Datasheet HTML 18Page - AMIC Technology A43L8316 Datasheet HTML 19Page - AMIC Technology A43L8316 Datasheet HTML 20Page - AMIC Technology A43L8316 Datasheet HTML 21Page - AMIC Technology A43L8316 Datasheet HTML 22Page - AMIC Technology A43L8316 Datasheet HTML 23Page - AMIC Technology A43L8316 Datasheet HTML 24Page - AMIC Technology A43L8316 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
20
AMIC Technology, Inc.
10. Clock Suspend Exit & Power Down Exit
11. Auto Refresh & Self Refresh
* Note : 1. Active power down : one or more bank active state.
2. Precharge power down : both bank precharge state.
3. The auto refresh is the same as CBR refresh of conventional DRAM.
No precharge commands are required after Auto Refresh command.
During tRC from auto refresh command, any other command can not be accepted.
4. Before executing auto/self refresh command, both banks must be idle state.
5. MRS, Bank Active, Auto/Self Refresh, Power Down Mode Entry.
6. During self refresh mode, refresh interval and refresh operation are performed internally.
After self refresh entry, self refresh mode is kept while CKE is LOW.
During self refresh mode, all inputs expect CKE will be don’t cared, and outputs will be in Hi-Z state.
During tRC from self refresh exit command, any other command can not be accepted.
Before/After self refresh mode, burst auto refresh cycle (1024K cycles ) is recommended.
2) Power Down (=Precharge Power Down) Exit
Note 1
CLK
CMD
1) Clock Suspend (=Active Power Down) Exit
RD
tSS
CKE
Internal
CLK
Note 2
CLK
CMD
ACT
CKE
Internal
CLK
tSS
NOP
2) Self Refresh
CLK
CMD
1) Auto Refresh
CKE
Internal
CLK
CLK
CMD
SR
CKE
PRE
Note 4
PRE
AR
CMD
Note 5
tRP
tRC
Note 3
Note 6
CMD
Note 4
tRP
tRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com