Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 6 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 2Page - AMIC Technology A43L8316 Datasheet HTML 3Page - AMIC Technology A43L8316 Datasheet HTML 4Page - AMIC Technology A43L8316 Datasheet HTML 5Page - AMIC Technology A43L8316 Datasheet HTML 6Page - AMIC Technology A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology A43L8316 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
5
AMIC Technology, Inc.
DC Electrical Characteristics
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Speed
Symbol
Parameter
Test Conditions
CAS
Latency
-7
-8
-10
Unit
Notes
3
110
100
90
Icc1
Operating Current
(One Bank Active)
Burst Length = 1
tRC
≥ tRC(min), tCC ≥ tCC(min), IOL =
0mA
2
120
100
90
mA
1
Icc2 P
CKE
≤ VIL(max), tCC = 15ns
3
3
3
Icc2 PS
Precharge Standby
Current in power-
down mode
CKL
≤ VIL(max), tCC = ∞
2
2
2
mA
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
25
25
25
ICC2NS
Precharge Standby
Current in non
power-down mode
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
6
6
6
mA
ICC3 P
CKE
≤ VIL(max), tCC = 15ns
3
3
3
ICC3 PS
Active Standby
Current in power-
down mode
CKE
≤ VIL(max), CKE ≤ VIL(max) tCC = ∞
2
2
2
mA
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
30
30
30
ICC3NS
Active Standby
current in non
power-down mode
(One Bank Active)
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable.
10
10
10
mA
3
160
150
140
ICC4
Operating Current
(Burst Mode)
IOL = 0mA, Page Burst
All bank Activated, tCCD = tCCD (min)
2
120
110
100
mA
1
3
90
90
85
ICC5
Refresh Current
tRC
≥ tRC (min)
2
100
90
85
mA
2
ICC6
Self Refresh
Current
CKE
≤ 0.2V
2
2
2
mA
Note: 1. Measured with outputs open. Addresses are changed only one time during tCC(min).
2. Refresh period is 64ms. Addresses are changed only one time during tCC(min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com