Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 45 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 45 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology A43L8316 Datasheet HTML 40Page - AMIC Technology A43L8316 Datasheet HTML 41Page - AMIC Technology A43L8316 Datasheet HTML 42Page - AMIC Technology A43L8316 Datasheet HTML 43Page - AMIC Technology A43L8316 Datasheet HTML 44Page - AMIC Technology A43L8316 Datasheet HTML 45Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
44
AMIC Technology, Inc.
Package Information
TSOP 50L (Type II) Outline Dimensions
unit: inches/mm
1
50
0.1
e
D
b
L
θ
Detail "A"
Detail "A"
25
26
Seating Plane
R0.15 REF.
R0.15 REF.
L 1
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.047
-
-
1.20
A1
0.002
-
-
0.05
-
0.15
A2
0.037
0.040
0.041
0.95
1.00
1.05
b
0.012
-
0.018
0.30
-
0.45
c
0.005
-
0.008
0.12
-
0.21
D
0.821
0.825
0.829
20.855
20.955
21.055
E
0.455
0.463
0.471
11.56
11.76
11.96
E1
0.396
0.400
0.404
10.06
10.16
10.26
e
-
0.031
-
-
0.800
-
L
0.016
0.020
0.024
0.40
0.50
0.60
L1
0.031 REF
0.80 REF
θ
0°
-
5°
0°
-
5°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com