Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 43 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 43 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology A43L8316 Datasheet HTML 40Page - AMIC Technology A43L8316 Datasheet HTML 41Page - AMIC Technology A43L8316 Datasheet HTML 42Page - AMIC Technology A43L8316 Datasheet HTML 43Page - AMIC Technology A43L8316 Datasheet HTML 44Page - AMIC Technology A43L8316 Datasheet HTML 45Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
42
AMIC Technology, Inc.
Function Truth Table for CKE (Table 2)
Current
State
CKE
n-1
CKE
n
CS
RAS CAS
WE
Address
Action
Note
H
X
X
X
X
X
X
INVALID
L
H
H
X
X
X
X
Exit Self Refresh
→ABI after tRC
6
L
H
L
H
H
H
X
Exit Self Refresh
→ABI after tRC
6
L
H
L
H
H
L
X
ILLEGAL
L
H
L
H
L
X
X
ILLEGAL
L
H
L
L
X
X
X
ILLEGAL
Self
Refresh
L
L
X
X
X
X
X
NOP(Maintain Self Refresh)
H
X
X
X
X
X
X
INVALID
L
H
H
X
X
X
X
Exit Power Down
→ABI
7
L
H
L
H
H
H
X
Exit Power Down
→ABI
7
L
H
L
H
H
L
X
ILLEGAL
L
H
L
H
L
X
X
ILLEGAL
L
H
L
L
X
X
X
ILLEGAL
Both
Bank
Precharge
Power
Down
L
L
X
X
X
X
X
NOP(Maintain Power Down Mode)
H
H
X
X
X
X
X
Refer to Table 1
H
L
H
X
X
X
X
Enter Power Down
8
H
L
L
H
H
H
X
Enter Power Down
8
H
L
L
H
H
L
X
ILLEGAL
H
L
L
H
L
X
X
ILLEGAL
H
L
L
L
H
X
X
ILLEGAL
H
L
L
L
L
H
X
Enter Self Refresh
8
H
L
L
L
L
L
X
ILLEGAL
All
Banks
Idle
L
L
X
X
X
X
X
NOP
H
H
X
X
X
X
X
Refer to Operations in Table 1
H
L
X
X
X
X
X
Begin Clock Suspend next cycle
9
L
H
X
X
X
X
X
Exit Clock Suspend next cycle
9
Any State
Other than
Listed
Above
L
L
X
X
X
X
X
Maintain clock Suspend
Abbreviations : ABI = All Banks Idle
Note: 6. After CKE’s low to high transition to exit self refresh mode. And a time of tRC(min) has to be elapse after CKE’s low
to high transition to issue a new command.
7. CKE low to high transition is asynchronous as if restarts internal clock.
A minimum setup time “tSS + one clock” must be satisfied before any command other than exit.
8. Power-down and self refresh can be entered only from the all banks idle state.
9. Must be a legal command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com