Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 2 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 2 Page - AMIC Technology

  A43L8316 Datasheet HTML 1Page - AMIC Technology A43L8316 Datasheet HTML 2Page - AMIC Technology A43L8316 Datasheet HTML 3Page - AMIC Technology A43L8316 Datasheet HTML 4Page - AMIC Technology A43L8316 Datasheet HTML 5Page - AMIC Technology A43L8316 Datasheet HTML 6Page - AMIC Technology A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
A43L8316
Preliminary
128K X 16 Bit X 2 Banks Synchronous DRAM
Preliminary (April, 2000, Version 1.0)
1
AMIC Technology, Inc.
Features
n JEDEC standard 3.3V power supply
n LVTTL compatible with multiplexed address
n Dual banks / Pulse RAS
n MRS cycle with address key programs
- CAS Latency (2,3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
n All inputs are sampled at the positive going edge of the
system clock
n Burst Read Single-bit Write operation
n DQM for masking
n Auto & self refresh
n 16ms refresh period (1K cycle)
n 50 Pin TSOP (II)
General Description
The A43L8316 is 4,194,304 bits synchronous high data
rate Dynamic RAM organized as 2 X 131,072 words by 16
bits, fabricated with AMIC’s high performance CMOS
technology. Synchronous design allows precise cycle
control with the use of system clock. I/O transactions are
possible on every clock cycle. Range of operating
frequencies, programmable latencies allows the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
Pin Configuration
n
n TSOP (II)
A43L8316V
50 49 48 47 46 45 44 43 42 41
39
40
38 37 36 35 34 33 32 31 30 29 28 27 26
1
2
3
4
5
6
7
8
9 10
12
11
13 14 15 16 17 18 19 20 21 22 23 24 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com