Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 7 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 3Page - AMIC Technology A43L8316 Datasheet HTML 4Page - AMIC Technology A43L8316 Datasheet HTML 5Page - AMIC Technology A43L8316 Datasheet HTML 6Page - AMIC Technology A43L8316 Datasheet HTML 7Page - AMIC Technology A43L8316 Datasheet HTML 8Page - AMIC Technology A43L8316 Datasheet HTML 9Page - AMIC Technology A43L8316 Datasheet HTML 10Page - AMIC Technology A43L8316 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
6
AMIC Technology, Inc.
AC Operating Test Conditions
(VDD = 3.3V
±0.3V, TA = 0°C to +70°C)
Parameter
Value
AC input levels
VIH/VIL = 2.4V/0.4V
Input timing measurement reference level
1.4V
Input rise and all time (See note3)
tr/tf = 1ns/1ns
Output timing measurement reference level
1.4V
Output load condition
See Fig.2
Output
870
Ω
1200
Ω
(Fig. 1) DC Output Load Circuit
ZO=50
Ω
OUTPUT
50
Ω
VTT =1.4V
30pF
(Fig. 2) AC Output Load Circuit
3.3V
3pF
VOH(DC) = 2.4V, IOH = -2mA
VOL(DC) = 0.4V, IOL = 2mA
AC Characteristics
(AC operating conditions unless otherwise noted)
-7
-8
-10
Symbol
Parameter
CAS
Latency
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
3
7
8
10
tCC
CLK cycle time
2
8
1000
10
1000
15
1000
ns
1
3
-
6
-
6
-
8
tSAC
CLK to valid
Output delay
2
-
7
-
7.5
-
10
ns
1,2
tOH
Output data hold time
-
2.5
-
3
-
3
-
ns
2
3
2.5
tCH
CLK high pulse width
2
3
-
3
-
3.5
-
ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com