Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 22 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 22 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 18Page - AMIC Technology A43L8316 Datasheet HTML 19Page - AMIC Technology A43L8316 Datasheet HTML 20Page - AMIC Technology A43L8316 Datasheet HTML 21Page - AMIC Technology A43L8316 Datasheet HTML 22Page - AMIC Technology A43L8316 Datasheet HTML 23Page - AMIC Technology A43L8316 Datasheet HTML 24Page - AMIC Technology A43L8316 Datasheet HTML 25Page - AMIC Technology A43L8316 Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
21
AMIC Technology, Inc.
12. About Burst Type Control
Sequential counting
At MRS A3=”0”. See the BURST SEQUENCE TABE.(BL=4,8)
BL=1,2,4,8 and full page wrap around.
Basic
MODE
Interleave counting
At MRS A3=” 1”. See the BURST SEQUENCE TABE.(BL=4,8)
BL=4,8 At BL=1,2 Interleave Counting = Sequential Counting
Pseudo-
Decrement Sequential
Counting
At MRS A3 = “1”. (See to Interleave Counting Mode)
Starting Address LSB 3 bits A0-2 should be “000” or “111”.@BL=8.
--if LSB = “000” : Increment Counting.
--if LSB= “111” : Decrement Counting.
For Example, (Assume Addresses except LSB 3 bits are all 0, BL=8)
--@ write, LSB=”000”, Accessed Column in order 0-1-2-3-4-5-6-7
--@ read, LSB=”111”, Accessed Column in order 7-6-5-4-3-2-1-0
At BL=4, same applications are possible. As above example, at Interleave
Counting mode, by confining starting address to some values, Pseudo-
Decrement Counting Mode can be realized. See the BURST SEQUENCE
TABLE carefully.
Pseudo-
MODE
Pseudo-Binary Counting
At MRS A3 = “0”. (See to Sequential Counting Mode)
A0-2 = “111”. (See to Full Page Mode)
Using Full Page Mode and Burst Stop Command, Binary Counting Mode can be
realized.
--@ Sequential Counting Accessed Column in order 3-4-5-6-7-1-2-3 (BL=8)
--@ Pseudo-Binary Counting,
Accessed Column in order 3-4-5-6-7-8-9-10 (Burst Stop command)
Note. The next column address of 256 is 0
Random
MODE
Random column Access
tCCD = 1 CLK
Every cycle Read/Write Command with random column address can realize
Random Column Access.
That is similar to Extended Data Out (EDO) Operation of convention DRAM.
13. About Burst Length Control
1
At MRS A2,1,0 = “000”.
At auto precharge, tRAS should not be violated.
2
At MRS A2,1,0 = “001”.
At auto precharge, tRAS should not be violated.
4
At MRS A2,1,0 = “010”
8
At MRS A2,1,0 = “011”.
Basic
MODE
Full Page
At MRS A2,1,0 = “111”.
Wrap around mode (Infinite burst length) should be stopped by burst stop,
RAS interrupt or CAS interrupt.
Special
MODE
BRSW
At MRS BA=”1”.
Read burst = 1,2,4,8, full page/write Burst =1
At auto precharge of write, tRAS should not be violated.
Random
MODE
Burst Stop
tBDL=1, Valid DQ after burst stop is 1,2 for CL=2,3 respectively
Using burst stop command, it is possible only at full page burst length.
RAS Interrupt
(Interrupted by Precharge)
Before the end of burst, Row precharge command of the same bank
Stops read/write burst with Row precharge.
tRDL=1 with DQM, valid DQ after burst stop is 1,2 for CL=2,3 respectively
During read/write burst with auto precharge, RAS interrupt cannot be issued.
Interrupt
MODE
CAS Interrupt
Before the end of burst, new read/write stops read/write burst and starts new
read/write burst or block write.
During read/write burst with auto precharge, CAS interrupt can not be issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com