Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 13 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 13 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 9Page - AMIC Technology A43L8316 Datasheet HTML 10Page - AMIC Technology A43L8316 Datasheet HTML 11Page - AMIC Technology A43L8316 Datasheet HTML 12Page - AMIC Technology A43L8316 Datasheet HTML 13Page - AMIC Technology A43L8316 Datasheet HTML 14Page - AMIC Technology A43L8316 Datasheet HTML 15Page - AMIC Technology A43L8316 Datasheet HTML 16Page - AMIC Technology A43L8316 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
12
AMIC Technology, Inc.
Device Operations
Clock (CLK)
The clock input is used as the reference for all SDRAM
operations. All operations are synchronized to the positive
going edge of the clock. The clock transitions must be
monotonic between VIL and VIH. During operation with
CKE high all inputs are assumed to be in valid state (low or
high) for the duration of set up and hold time around
positive edge of the clock for proper functionality and ICC
specifications.
Clock Enable (CLK)
The clock enable (CKE) gates the clock onto SDRAM. If
CKE goes low synchronously with clock (set-up and hold
time same as other inputs), the internal clock is suspended
form the next clock cycle and the state of output and burst
address is frozen as long as the CKE remains low. All
other inputs are ignored from the next clock cycle after
CKE goes low. When both banks are in the idle state and
CKE goes low synchronously with clock, the SDRAM
enters the power down mode form the next clock cycle.
The SDRAM remains in the power down mode ignoring the
other inputs as long as CKE remains low. The power down
exit is synchronous as the internal clock is suspended.
When CKE goes high at least “tSS + 1 CLOCK” before the
high going edge of the clock, then the SDRAM becomes
active from the same clock edge accepting all the input
commands.
Bank Select (BA)
This SDRAM is organized as two independent banks of
131,072 words X 16 bits memory arrays. The BA inputs is
latched at the time of assertion of RAS and CAS to select
the bank to be used for the operation. When BA is asserted
low, bank A is selected. When BA is asserted high, bank B
is selected. The bank select BA is latched at bank activate,
read, write mode register set and precharge operations.
Address Input (A0 ~ A8/AP)
The 17 address bits required to decode the 131,072 word
locations are multiplexed into 9 address input pins
(A0~A8/AP). The 11 bit row address is latched along with
RAS and BA during bank activate command. The 8 bit
column address is latched along with CAS , WE and BA
during read or write command.
NOP and Device Deselect
When RAS , CAS
and
WE are high, the SDRAM
performs no operation (NOP). NOP does not initiate any
new operation, but is needed to complete operations which
require more than single clock like bank activate, burst
read, auto refresh, etc. The device deselect is also a NOP
and is entered by asserting CS high. CS
high disables
the command decoder so that RAS , CAS and WE , and
all the address inputs are ignored.
Power-Up
The following sequence is recommended for POWER UP
1. Power must be applied to either CKE and DQM inputs to
pull them high and other pins are NOP condition at the
inputs before or along with VDD (and VDDQ) supply.
The clock signal must also be asserted at the same time.
2. After VDD reaches the desired voltage, a minimum
pause of 200 microseconds is required with inputs in
NOP condition.
3. Both banks must be precharged now.
4. Perform a minimum of 2 Auto refresh cycles to stabilize
the internal circuitry.
5. Perform a MODE REGISTER SET cycle to program the
CAS latency, burst length and burst type as the default
value of mode register is undefined.
At the end of one clock cycle from the mode register set
cycle, the device is ready for operation.
When the above sequence is used for Power-up, all the
out-puts will be in high impedance state. The high
impedance of outputs is not guaranteed in any other
power-up sequence.
cf.) Sequence of 4 & 5 may be changed.
Mode Register Set (MRS)
The mode register stores the data for controlling the
various operation modes of SDRAM. It programs the CAS
latency, addressing mode, burst length, test mode and
various vendor specific options to make SDRAM useful for
variety of different applications. The default value of the
mode register is not defined, therefore the mode register
must be written after power up to operate the SDRAM. The
mode register is written by asserting low on CS ,RAS ,
CAS , WE (The SDRAM should be in active mode with
CKE already high prior to writing the mode register). The
state of address pins A0~A8/AP and BA in the same cycle
as CS ,RAS , CAS , WE going low is the data written in
the mode register. One clock cycle is required to complete
the write in the mode register. The mode register contents
can be changed using the same command and clock cycle
requirements during operation as long as both banks are in
the idle state. The mode register is divided into various
fields depending on functionality. The burst length field
uses A0~A2, burst type uses A3, addressing mode uses
A4~A6, A7~A8/AP and BA are used for vendor specific
options or test mode. And the write burst length is
programmed using BA. A7~A8/AP and BA must be set to
low for normal SDRAM operation.
Refer to table for specific codes for various burst length,
addressing modes and CAS latencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com