Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 39 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 39 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 35Page - AMIC Technology A43L8316 Datasheet HTML 36Page - AMIC Technology A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology A43L8316 Datasheet HTML 40Page - AMIC Technology A43L8316 Datasheet HTML 41Page - AMIC Technology A43L8316 Datasheet HTML 42Page - AMIC Technology A43L8316 Datasheet HTML 43Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
38
AMIC Technology, Inc.
Self Refresh Entry & Exit Cycle
* Note : TO ENTER SELF REFRESH MODE
1.
CS, RAS &
CAS with CKE should be low at the same clock cycle.
2. After 1 clock cycle, all the inputs including the system clock can be don’t care except for CKE.
3. The device remains in self refresh mode as long as CKE stays “Low”.
(cf.) Once the device enters self refresh mode, minimum tRAS is required before exit from self refresh.
TO EXIT SELF REFRESH MODE
4. System clock restart and be stable before returning CKE high.
5.
CS starts from high.
6. Minimum tRC is required after CKE going high to complete self refresh exit.
7. 1K cycle of burst auto refresh is required before self refresh entry and after self refresh exit.
If the system uses burst refresh.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
: Don't care
A8/AP
WE
Self Refresh Exit
Auto Refresh
DQM
DQ
Self Refresh Entry
tSS
* Note 4
* Note 1
* Note 3
* Note 2
tSS
* Note 6
tRC min.
* Note 5
* Note 7
* Note 7
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com