Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 36 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 36 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 32Page - AMIC Technology A43L8316 Datasheet HTML 33Page - AMIC Technology A43L8316 Datasheet HTML 34Page - AMIC Technology A43L8316 Datasheet HTML 35Page - AMIC Technology A43L8316 Datasheet HTML 36Page - AMIC Technology A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology A43L8316 Datasheet HTML 40Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
35
AMIC Technology, Inc.
High
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
Row Active
(A-Bank)
: Don't care
RAa
A8/AP
CAa
RAa
WE
QAb1
QAb0
DBc0
DQM
QAb1
QAb0
DBc0
QAd0
DQ
(CL=2)
QAd0
DQ
(CL=3)
Write with
Auto Precharge
(B-Bank)
Write
(A-Bank)
RAc
Row Active
(A-Bank)
DAa0
QAd1
DAa0
QAd1
* Note 2
RBb
CAb
CBc
CAd
RAc
RBb
Row Active
(B-Bank)
Read with
Auto Precharge
(A-Bank)
Read
(A-Bank)
Precharge
(A-Bank)
Burst Read Single Bit Write Cycle @Burst Length=2, BRSW
* Note : 1. BRSW mode is enabled by setting BA “High” at MRS (Mode Register Set).
At the BRSW Mode, the burst length at write is fixed to “1” regardless of programed burst length.
2. When BRSW write command with auto precharge is executed, keep it in mind that tRAS should not be violated.
Auto precharge is executed at the burst-end cycle, so in the case of BRSW write command,
The next cycle starts the precharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com