Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 25 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 25 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 21Page - AMIC Technology A43L8316 Datasheet HTML 22Page - AMIC Technology A43L8316 Datasheet HTML 23Page - AMIC Technology A43L8316 Datasheet HTML 24Page - AMIC Technology A43L8316 Datasheet HTML 25Page - AMIC Technology A43L8316 Datasheet HTML 26Page - AMIC Technology A43L8316 Datasheet HTML 27Page - AMIC Technology A43L8316 Datasheet HTML 28Page - AMIC Technology A43L8316 Datasheet HTML 29Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
24
AMIC Technology, Inc.
* Note : 1. All inputs can be don’t care when CS is high at the CLK high going edge.
2. Bank active & read/write are controlled by BA.
BA
Active & Read/Write
0
Bank A
1
Bank B
3. Enable and disable auto precharge function are controlled by A8/AP in read/write command.
A8/AP
BA
Operation
0
Disable auto precharge, leave bank A active at end of burst.
0
1
Disable auto precharge, leave bank B active at end of burst.
0
Enable auto precharge, precharge bank A at end of burst.
1
1
Enable auto precharge, precharge bank B at end of burst.
4. A8/AP and BA control bank precharge when precharge command is asserted.
A8/AP
BA
Precharge
0
0
Bank A
0
1
Bank B
1
X
Both Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com