Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L8316 Datasheet(PDF) 42 Page - AMIC Technology

Part # A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Datasheet(HTML) 42 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology A43L8316 Datasheet HTML 39Page - AMIC Technology A43L8316 Datasheet HTML 40Page - AMIC Technology A43L8316 Datasheet HTML 41Page - AMIC Technology A43L8316 Datasheet HTML 42Page - AMIC Technology A43L8316 Datasheet HTML 43Page - AMIC Technology A43L8316 Datasheet HTML 44Page - AMIC Technology A43L8316 Datasheet HTML 45Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
41
AMIC Technology, Inc.
Function Truth Table (Table 1, Continued)
Current
State
CS
RAS CAS
WE
BA
Address
Action
Note
H
X
X
X
X
X
NOP(Continue Burst to End
→Precharge)
L
H
H
H
X
X
NOP(Continue Burst to End
→Precharge)
L
H
H
L
X
X
ILLEGAL
L
H
L
H
BA
CA,A8/AP
ILLEGAL
2
L
H
L
L
BA
CA,A8/AP
ILLEGAL
2
L
L
H
X
BA
RA, PA
ILLEGAL
Write with
Auto
Precharge
L
L
L
X
X
X
ILLEGAL
2
H
X
X
X
X
X
NOP
→Idle after tRP
L
H
H
H
X
X
NOP
→Idle after tRP
L
H
H
L
X
X
ILLEGAL
L
H
L
X
BA
CA,A8/AP
ILLEGAL
2
L
L
H
H
BA
RA
ILLEGAL
2
L
L
H
L
BA
PA
NOP
→Idle after tRP
2
Precharge
L
L
L
X
X
X
ILLEGAL
4
H
X
X
X
X
X
NOP
→Row Active after tRCD
L
H
H
H
X
X
NOP
→Row Active after tRCD
L
H
H
L
X
X
ILLEGAL
L
H
L
X
BA
CA,A8/AP
ILLEGAL
2
L
L
H
H
BA
RA
ILLEGAL
2
L
L
H
L
BA
PA
ILLEGAL
2
Row
Activating
L
L
L
X
X
X
ILLEGAL
2
H
X
X
X
X
X
NOP
→Idle after tRC
L
H
H
X
X
X
NOP
→Idle after tRC
L
H
L
X
X
X
ILLEGAL
L
L
H
X
X
X
ILLEGAL
Refreshing
L
L
L
X
X
X
ILLEGAL
Abbreviations
RA = Row Address
BA = Bank Address
AP = Auto Precharge
NOP = No Operation Command
CA = Column Address
PA = Precharge All
Note: 1. All entries assume that CKE was active (High) during the preceding clock cycle and the current clock cycle.
2. Illegal to bank in specified state : Function may be legal in the bank indicated by BA, depending on the state of
that bank.
3. Must satisfy bus contention, bus turn around, and/or write recovery requirements.
4. NOP to bank precharging or in idle state. May precharge bank indicated by BA (and PA).
5. Illegal if any banks is not idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com