Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 50Page - Cirrus Logic CS4216 Datasheet HTML 51Page - Cirrus Logic CS4216 Datasheet HTML 52Page - Cirrus Logic CS4216 Datasheet HTML 53Page - Cirrus Logic CS4216 Datasheet HTML 54Page - Cirrus Logic CS4216 Datasheet HTML 55Page - Cirrus Logic CS4216 Datasheet HTML 56Page - Cirrus Logic CS4216 Datasheet HTML 57Page - Cirrus Logic CS4216 Datasheet HTML 58Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
e
MILLIMETERS
INCHES
DIM
D/E
D1/E1
e
b
0.462
0°
0°
11.75
MIN
MAX
1.45
MIN
MAX
0.057
10.10
12.25
3.5°
0.398
0.482
b
A1
A
1.60
0.05
0.063
0.002
c
0.20
0.008
c
0.45
0.75
0.018
0.030
1.35
0.053
9.90
0.390
A1
A
44 PIN TQFP
1
D
D1
E1 E
∝
∝
∝
∝
A2
A2
L
L
0.70
0.45
0.026
0.014
0.036
0.90
0.018
0.30
0.09
0.004
NOM
0.15
0.006
NOM
3.5°
12.0
0.60
1.40
10.0
0.80
0.37
0.145
0.472
0.024
0.055
0.394
0.031
0.016
0.006
ccc
0.10
0.004
7°
7°
ccc
44 LEAD TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com