Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 38Page - Cirrus Logic CS4216 Datasheet HTML 39Page - Cirrus Logic CS4216 Datasheet HTML 40Page - Cirrus Logic CS4216 Datasheet HTML 41Page - Cirrus Logic CS4216 Datasheet HTML 42Page - Cirrus Logic CS4216 Datasheet HTML 43Page - Cirrus Logic CS4216 Datasheet HTML 44Page - Cirrus Logic CS4216 Datasheet HTML 45Page - Cirrus Logic CS4216 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
DIP SWITCH MAPPING TO MULTI-FUNC-
TION PINS
The two PALs on the evaluation board decode
the DIP switches to configure the codec into a
particular mode. These PALs are not necessary
in a design since only one mode is usually used
and can be hard wired. Figure 9 and Figure 10
list the PAL equations used for decoding.
Table 4 shows the CS4216/8 multi-function pin
settings for each possible DIP switch configura-
tion.
Refer to the CS4216/8 data sheets to
determine pin settings for sample frequencies.
Once a suitable mode has been chosen using the
evaluation board, this table will show the hard
wire configuration for each multi-function pin.
Example Mode Settings
Following are two examples of how to set a se-
rial mode with the DIP switches and then
determine the multi-function pin settings for the
codec. These modes were chosen for illustration
only, not to suggest that they are better than
other modes.
A commonly used mode is SM3 Master (SM3-M
on the CS4218), 64 BPF, 44.1kHz sampling rate,
and bit-long SSYNC. To configure the codec in
this mode, set SPF2=MA=1 and all other DIP
switches to zero. From Table 4, the SMODE3,
SMODE2, and SMODE1 pins are set to 010, re-
spectively. The DIV1, DIV2, and DIV3 DIP
switches will set the sampling frequency by di-
rectly mapping to the MF1, MF2, and MF3 pins
as 000. The MA DIP switch sets the MF4 pin
high for master mode. multi-function pins MF5
and MF6 become the general purpose I/O pins
DO2 and DI2, respectively.
In this particular
mode, MF7 determines the high time for the
SSYNC signal. The MF7 pin is set low by the
TS1 switch to generate the bit-long SSYNC. In
all other applicable cases, the TS1 switch is used
for time-slot configuration. 64 BPF is selected
by setting the MF8 pin low with the BPF1
switch.
SM4 is a powerful mode which reduces data
transfer bandwidth to facilitate easier use with
low cost DSPs. As an example, consider SM4,
Slave, 64 BPF, Time-slot 2, and a 22.05 kHz
samp ling
rate.
Set
SPF2=SPF1=DIV1=TS1=BPF1=1 and all other
DIP switches to zero.
Table 4 shows that the
SMODE3, SMODE2, and SMODE1 pins will be
set to 110, respectively. The multi-function pins
MF1-4 will become the control port interface.
MF5 serves as the interrupt pin INT. BPF2 and
BPF1 will set the codec to 64 BPF by mapping
directly to the MF6 and MF7 pins as 01, respec-
tively. The second time-slot is chosen with TS1
DIP SWITCHES
SPF2 SPF1 MA
SMODE SMODE SMODE
MF1
MF2
MF3
MF4
MF5
MF6
32
1
MF7
MF8
CS4216 Multifunction Pins
DO4
00
x
0
0
0
DO3
DI3
DI4
DO2
DI2
TS1
TS2
DO4
01
x
0
0
1
DO3
DI3
DI4
DO2
DI2
TS1
TS2
BPF2
01
0
0
1
0
BPF1
DI3
MA=0
DO2
DI2
TS1
TS2
DIV1
01
1
0
1
0
DIV2
DIV3
MA=1
DO2
DI2
TS1
BPF1
CDOUT
11
0
1
1
0
CDIN
CCLK
CCS
INT
BPF2=0
BPF1
TS1
CDOUT
11
0
1
1
0
CDIN
CCLK
CCS
INT
BPF2=1
TS1
TS2
CDOUT
1
1
1
1
BPF>0
TS1
CDIN
CCLK
CCS
INT
DIV1
DIV2
DIV3
CDOUT
1
1
1
1
BPF=0
0
CDIN
CCLK
CCS
INT
DIV1
DIV2
DIV3
Table 4. CS4216 Pin Decode
CDB4216
42
DS83DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com