Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 45Page - Cirrus Logic CS4216 Datasheet HTML 46Page - Cirrus Logic CS4216 Datasheet HTML 47Page - Cirrus Logic CS4216 Datasheet HTML 48Page - Cirrus Logic CS4216 Datasheet HTML 49Page - Cirrus Logic CS4216 Datasheet HTML 50Page - Cirrus Logic CS4216 Datasheet HTML 51Page - Cirrus Logic CS4216 Datasheet HTML 52Page - Cirrus Logic CS4216 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
nal source. To select the CLKIN BNC, the J1
jumper must be placed in the EXT position.
When the J1 jumper is in the INT position, the
on-board oscillator is used as the master clock.
Both clock sources are buffered to guarantee a
clean signal and proper clock levels to the codec.
If sample frequencies other than the ones pro-
vided are needed, the oscillator can be replaced
with the proper frequency oscillator. The board
accepts crystals and provides the socket Y1 (refer
to Figure 8). When using a crystal, U8 must con-
tain an HCU04 unbuffered CMOS inverter. The
U8 socket is designed to accept either the
HCU04 or a crystal oscillator, and can alternate
between the two.
LAYOUT ISSUES
Figure 11 contains the silk screen, Figure 12
contains the component-side copper layer, and
Figure 13 contains the solder-side copper layer
of the CDB4216/8 evaluation board. These plots
are included to provide an example of how to
correctly layout a PCB for the codec.
Grounding and Power
U8
74HCUO4
Y1
R55
10M
C44
33 pF
C43
33 pF
CLKIN-J1
8
C2
0.1uF
VD
9
10
11
12
13
14
71
2
3
4
5
6
Figure 8. Optional Clock Circuit
U11B
74HC132
VD
4
5
3
1
2
3
CLKIN
6
CLKIN
U11A
CS4216
R8
10
J1
11.2896 MHz
Oscillator
Module
C2
0.1 uF
VD
EXT
INT
R5
47.5k
R7
5k
R6
47.5k
8
14
7
Figure 7. Default Clock Circuit
CDB4216
DS83DB4
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com