Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 30Page - Cirrus Logic CS4216 Datasheet HTML 31Page - Cirrus Logic CS4216 Datasheet HTML 32Page - Cirrus Logic CS4216 Datasheet HTML 33Page - Cirrus Logic CS4216 Datasheet HTML 34Page - Cirrus Logic CS4216 Datasheet HTML 35Page - Cirrus Logic CS4216 Datasheet HTML 36Page - Cirrus Logic CS4216 Datasheet HTML 37Page - Cirrus Logic CS4216 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
MF4:DI4 - Parallel Digital Bit Input #4 in SM1/SM2, PIN 36(L), 30(Q).
In serial modes 1 and 2 this pin value is reflected in the DI4 bit in the sub-frame.
MF4:MA - Master Sub-Mode in SM3, PIN 36(L), 30(Q).
In serial mode 3 this pin selects either master or slave mode. When MF4:MA = 1, the codec is
in master mode and outputs SSYNC and SCLK. When MF4:MA = 0, the codec is in slave
mode and receives SSYNC and SCLK from an external source that must be frequency locked to
CLKIN.
MF4:CCS - Control Data Chip Select in SM4, PIN 36(L), 30(Q).
In serial mode 4 this pin is the control port chip select signal. When low, the control port data is
clocked in CDIN and status data is output on CDOUT. When CCS goes high, control data is
latched internally. This data remains active until new data is clocked in. The control port may
also be asynchronous to the audio data port.
MF5:DO2 - Parallel Digital Bit Output #2 in SM1/SM2/SM3, PIN 38(L), 32(Q).
In serial modes 1, 2, and 3 this pin reflects the value of the DO2 bit in the sub-frame.
MF5:INT - Interrupt in SM4, PIN 38(L), 32(Q).
In serial mode 4 this pin is an active low interrupt signal that is maskable using the MSK bit in
the control port serial data stream. INT is an open-collector output and requires and external
pull-up resistor. Assuming the mask bit is not set, and interrupt is triggered by a change in ADV
or DI1, or a rising edge on LCL or RCL, or a exiting an SCLK out of range condition
(Error = 3)
MF6:DI2 - Parallel Digital Bit Input #2 in SM1/SM2/SM3, PIN 34(L), 28(Q).
In serial modes 1, 2, and 3 this pin value is reflected in the DI2 bit of the sub-frame.
MF6:F1 - Format Bit 1 in SM4, PIN 34(L), 28(Q).
In serial mode 4 this pin is a format bit and is used as one of three sample frequency select pins
when in master mode. In slave mode, MF6:F1 helps determine the number of sub-frames within
a frame.
MF7:SFS1 - Sub-Frame Select 1 in SM1/SM2/SM3/SM4-SL, PIN 31(L), 25(Q).
In serial modes 1, 2, and 3, MF7:SFS1 helps select the sub-frame that this particular CS4216 is
allocated. In slave sub-mode of serial mode 4, this pin is one of two pins used as a sub-frame
select when MF6:F1 = 1 (128-bit frames). When MF6:F1 = 0, this pin is used to select the
frame sizes of 32 or 64 bits.
MF7:F2 - Format Bit 2 in SM4-MA, PIN 31(L), 25(Q).
In master sub-mode of serial mode 4, this pin is used as one of three sample frequency select
pins.
MF8:SFS2 - Sub-Frame Select 2 in SM1/SM2/SM3/SM4-SL, PIN 30(L), 24(Q).
In serial modes 1, 2, 3, and slave sub-mode of 4, MF8:SFS2 helps select the sub-frame that this
particular CS4216 is allocated.
MF8:F3 - Format Bit 3 in SM4-MA, PIN 30(L), 24(Q).
In master sub-mode of serial mode 4, this pin is a format bit and is one of three sample
frequency select pins.
CS4216
34
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com