Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 9Page - Cirrus Logic CS4216 Datasheet HTML 10Page - Cirrus Logic CS4216 Datasheet HTML 11Page - Cirrus Logic CS4216 Datasheet HTML 12Page - Cirrus Logic CS4216 Datasheet HTML 13Page - Cirrus Logic CS4216 Datasheet HTML 14Page - Cirrus Logic CS4216 Datasheet HTML 15Page - Cirrus Logic CS4216 Datasheet HTML 16Page - Cirrus Logic CS4216 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Sub-frame Bits 17 to 24
17
18
19
20
21
22
23
24
RESERVED
0
ADV
LCL
RCL
ADV
ADC Valid data bit.
0 - Invalid ADC data
1 - Valid ADC data
Indicates ADC has completed initialization
after power-up, low power mode,
or mute.
LCL
Left ADC clipping indicator
0 - Normal
1 - Clipping
RCL
Right ADC clipping indicator
0 - Normal
1 - Clipping
RESERVED bits can be 0 or 1
Sub-frame Bits 25 to 32
25
26
27
28
29
30
31
32
ER3
ER2
ER1
ER0
Ver3
Ver2
Ver1
Ver0
ER3-ER0 Error Word
0000 - Normal – No errors.
0001 - Input Sub-frame Bit 21 is set.
Control data will not be loaded
0010 - Sync Pulse is incorrect.
Causes the analog output to mute.
0011 - SCLK is outside the allowable
range. Analog output mutes.
Ver3-Ver0
CS4216 Version Number
0000 = "A" (see Appendix A)
0001 = "B", "C", . . . (This data sheet)
Sub-frame Bits 33 to 48
Right ADC Audio Data, MSB first, 2’s comple-
ment coded.
Sub-frame Bits 1 to 16
Left ADC Audio Data, MSB first, 2’s comple-
ment coded.
OUTPUT DATA BIT DEFINITIONS
ADC - Left Word
30 30
0
ADC - Right Word
Sub-frame
Word B
Word A
ADC - Left Word
30 30
0
SM1 and SM2
SM3
ADC - Right Word
XX
Error
Error
Version
Version
0 001 0 000
0 001 0 000
.XXX X
XX XX
XX XX
X XXX
Sub-frame
Figure 6. Serial Data Output Format - SM1, SM2, and SM3.
Sub-frame Bits 49 to 60
These bits are reserved, and can be 0 or 1.
Sub-frame Bits 61 to 64
61
62
63
64
DI1
DI2
DI3
DI4
DI1-DI4
These bits follow the state of the Digital
Input pins. In SM3 DI3 and DI4 are used
and unavailable. In SM4 DI2, DI3, & DI4
are not available as input bits.
CS4216
DS83F2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com