Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 16Page - Cirrus Logic CS4216 Datasheet HTML 17Page - Cirrus Logic CS4216 Datasheet HTML 18Page - Cirrus Logic CS4216 Datasheet HTML 19Page - Cirrus Logic CS4216 Datasheet HTML 20Page - Cirrus Logic CS4216 Datasheet HTML 21Page - Cirrus Logic CS4216 Datasheet HTML 22Page - Cirrus Logic CS4216 Datasheet HTML 23Page - Cirrus Logic CS4216 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
MF5:INT is reset by reading the control serial
port.
Master Sub-Mode (SM4)
Master sub-mode configures SSYNC and SCLK
as outputs from the CS4216. During power
down, SSYNC and SCLK are driven high im-
pedance, and during reset they both are driven
low. There are two SM4 Master sub-modes. One
allows 32 bits per frame and the other allows 64
bits per frame. As shown in Table 6, the
SMODE1 and SMODE2 pins select the particu-
lar Master sub-mode (as well as the Slave
sub-mode). When SMODE1 is set to zero,
SMODE2 selects either Master sub-mode with
32-bit frames, or Slave sub-mode.
SMODE1,SMODE2 = 00 selects Master sub-
mode where a frame = sub-frame = 32 bits. This
sub-mode allows only one codec on the audio
serial bus, with the first 16 bits being the left
channel and the second 16 bits being the right
channel. The Applications of SM4 section con-
tains
more
informat ion
on
low-co st
implementations of this sub-mode.
SMODE1 = 1 selects Master sub-mode with a
frame width of 64 bits. This sub-mode allows up
to two codecs to occupy the same bus. SMODE2
is now used to select the particular time slot. If
SMODE2 = 0 the codec selects time slot 1,
which is the first 32 bits. If SMODE2 = 1 the
codec selects time slot 2, which is the second
32 bits.
In Master sub-mode, multifunction pins MF6:F1,
MF7:F2, and MF8:F3 select the sample fre-
quency as shown in Table 7. This table indicates
how to obtain standard audio sample frequencies
g ive n one of two CLKIN frequencies:
12.288 MHz or 11.2896 MHz. Other CLKIN
frequencies may be used with the corresponding
sample frequencies being CLKIN/N. The codec
must be reset when changing sample frequencies
to allow a new calibration to occur.
Slave Sub-Mode (SM4)
In SM4, Slave sub-mode is selected by setting
SMODE1,SMODE2 = 01. This mode configures
SSYNC and SCLK as inputs to the CS4216.
These two signals must be externally derived
from CLKIN. Since the CS4216 has no control
over the phase relationship of SSYNC and
SMODE1
SMODE2
SM4, Sub-Mode
0
0
Master, 32 BPF
0
1
Slave, 128/64/32 BPF
1
0
Master, 64 BPF, TS1
1
1
Master, 64 BPF, TS2
Table 6. SM4 Sub-Modes.
SSYNC
SCLK
SDIN
SDOUT
Sub-Fram e
AD C - Left W ord
AD C - R ight W ord
ADC - Left W ord
ADC - Right W ord
DAC - Left W ord
DAC - Right W ord
DAC - Left W ord
DAC - Right W ord
(slave)
(m aster)
Figure 13. SM4-Audio Serial Port, 32 BPF
CS4216
20
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com