Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 31Page - Cirrus Logic CS4216 Datasheet HTML 32Page - Cirrus Logic CS4216 Datasheet HTML 33Page - Cirrus Logic CS4216 Datasheet HTML 34Page - Cirrus Logic CS4216 Datasheet HTML 35Page - Cirrus Logic CS4216 Datasheet HTML 36Page - Cirrus Logic CS4216 Datasheet HTML 37Page - Cirrus Logic CS4216 Datasheet HTML 38Page - Cirrus Logic CS4216 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Miscellaneous
RESET - Reset Input, PIN 2.(L), 40(Q).
Resets the CS4216 into a known state, and must be initiated after power-up or power-down
mode. Releasing RESET caused the CS4216 to initiate a calibration sequence. RESET should
also be initiated when changing sample frequencies in any master sub-mode.
CLKIN - Master Clock, PIN 3(L), 41(Q).
C LKIN is the m ast er clock t h at operat es t h e int ernal logic. In serial mode 1,
CLKIN = 512
×hFs, where hFs is the highest sample frequency needed. Different sample
frequencies are obtained by changing the ratio of SCLK to CLKIN. In serial mode 2, CLKIN is
not used and must be tied low. In serial modes 3 and 4, CLKIN is 256
×hFs, where different
sample frequencies are obtained by either changing the ratio of SCLK to CLKIN in slave mode,
or changing the format pin values (F2-F0) in master mode.
PDN - Power Down, PIN 13(L), 7(Q).
This pin, when low, causes the CS4216 to go into a power down state. RESET should be held
low for 50 ms when exiting the power down state to allow time for the voltage reference to
settle.
DI1 - Parallel Digital Bit Input #1, PIN 33(L), 27(Q).
This pin value is reflected in the DI1 bit in the sub-frame.
DO1 - Parallel Digital Bit Output #1, PIN 37(L), 31(Q).
This pin reflects the value of the DO1 bit in the sub-frame.
NC - No Connection,
PINS 6, 7, 8, 9, 10, 11, 12, 14, 17, 18, 19(L)
PINS 44, 1, 2, 3, 4, 5, 6, 8, 11, 12, 13(Q).
These pins should be left floating with no trace attached to allow backwards compatibility with
future revisions. They should not be used as a convenient path for signal traces.
CS4216
DS83F2
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com