Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 15Page - Cirrus Logic CS4216 Datasheet HTML 16Page - Cirrus Logic CS4216 Datasheet HTML 17Page - Cirrus Logic CS4216 Datasheet HTML 18Page - Cirrus Logic CS4216 Datasheet HTML 19Page - Cirrus Logic CS4216 Datasheet HTML 20Page - Cirrus Logic CS4216 Datasheet HTML 21Page - Cirrus Logic CS4216 Datasheet HTML 22Page - Cirrus Logic CS4216 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
SERIAL MODE 4, SM4
S e ri a l
m o d e
4
i s
en ab led
b y
s ett in g
SMODE3 = 1. Both Master and Slave sub-
modes are available and are selected by setting
the SMODE2 and SMODE1 pins as shown in
Table 6. In Master sub-mode, the phase relation-
ship between SCLK/SSYNC and CLKIN is
controlled to minimize digital noise coupling
into the analog section. Therefore, Master sub-
mo de may yield sl ightly better noise
performance than Slave sub-mode. In Slave sub-
mode, SCLK and SSYNC must be synchronous
to the master clock.
In serial mode 4, SM4, the CLKIN frequency
must be 256 times the highest sample frequency
needed. Also, SM4 has five attenuation bits for
each D/A output channel. SM4 differs from SM3
in that SM4 splits the audio data from the con-
trol data with the control data input on an
independent serial port. This reduces the audio
serial bus bandwidth in half, providing an easier
interface to low-cost DSPs. The audio serial port
sub-frame is illustrated in Figure 13 for SM4.
Interrupt Pin - MF5:INT
Serial Mode 4 also defines the multifunction pin
MF5:INT as an open-collector interrupt pin. In
SM4, this pin requires a pullup resistor and will
go low when the ADV bit or DI1 pin change, or
a rising edge on the LCL or RCL bits, or by
exiting an SCLK out of range condition (Er-
ror = 3). The interrupt may be masked by setting
the MSK bit in the control serial data port.
Sub-frame 1
FRAME (n+1)
Word A
Word B
Sub-frame 1
Word A
Word B
FRAME n
64 SCLK Periods
FRAME (n+2)
Sub-frame 1
Word A
Word B
FRAME (n+3)
Sub-frame 1
Word A
Word B
SSYNC
DATA
SFS2
SFS1 frame
00
1
MF8:
MF7:
Sub-
Figure 10. SM3-Slave - 64 BPF; MF1:F1, MF2:F2 = 00
Sub-frame 1
Sub-frame 2
FRAME (n+1)
Word A
Word B
Word A
Word B
Sub-frame 1
Word A
Word B
FRAME n
128 SCLK Periods
Sub-frame 2
Word A
Word B
FRAME (n+2)
Sub-frame 1
Word A
Word B
SSYNC
DATA
SFS2
SFS1 frame
0
0
0
1
1
2
MF8:
MF7:
Sub-
Figure 11. SM3-Slave - 128 BPF; MF1:F1, MF2:F2 = 01
S u b-fra m e 1
S u b-fram e 2
S u b-fram e 3
S u b-fra m e 4
FR AM E (n+1)
Word A
W ord B
Wo rd A
W ord B
W ord A
W ord B
Word A
W ord B
FR A M E n
S ub-fra m e 1
W o rd A
W ord B
25 6 S C LK P erio ds
SSYN C
DA T A
S F S2
SF S 1 fram e
0
0
1
1
0
1
0
1
1
2
3
4
M F 8:
M F 7:
S u b-
Figure 12. SM3-Slave - 256 BPF; MF1:F1, MF2:F2 = 10
CS4216
DS83F2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com