Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 41Page - Cirrus Logic CS4216 Datasheet HTML 42Page - Cirrus Logic CS4216 Datasheet HTML 43Page - Cirrus Logic CS4216 Datasheet HTML 44Page - Cirrus Logic CS4216 Datasheet HTML 45Page - Cirrus Logic CS4216 Datasheet HTML 46Page - Cirrus Logic CS4216 Datasheet HTML 47Page - Cirrus Logic CS4216 Datasheet HTML 48Page - Cirrus Logic CS4216 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
150
0.47 uF
26
150
0.47 uF
28
RIN2
REFBUF
LIN2
20
CS4216
C19
R24
R25
C20
J19
LMIC
RMIC
J20
RIN2
1 uF
+
C21
2
3
VA
8
C16
1000 pF
NPO
+
R21
13 k
4
R18
47.5 k
LIN2
(Mono)
1 uF
+
C22
6
5
C15
1000 pF
R23
13 k
R19
47.5 k
NPO
C26
0.1 uF
1
7
U2
MC33178
+
R22
1k
R20
1 k
C23
10 uF
C24
10 uF
1 uF
+
C25
C37
0.1 uF
C17
0.01 uF
NPO
C18
0.01 uF
NPO
Figure 2. Microphone Input Buffer
REFBUF
LIN1
27
20
CS4216
0.01 uF
C13
NPO
20 k
+
_
10 k
56 pF
1 uF
C10
C8
R12
7
6
5
4
8
R14
LIN1
NPO
0.47 uF
C12
VA
C9
0.1 uF
RIN1
25
+
_
56 pF
C27
3
2
1
RIN1
(Mono)
20 k
R15
NPO
10 k
R13
1 uF
C11
U2
LT1013
0.01 uF
NPO
C14
150
R17
5 k
R11
150
R16
0.1 uF
C37
+
+
Figure 3. Line Input Buffer
CDB4216
DS83DB4
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com