Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 28Page - Cirrus Logic CS4216 Datasheet HTML 29Page - Cirrus Logic CS4216 Datasheet HTML 30Page - Cirrus Logic CS4216 Datasheet HTML 31Page - Cirrus Logic CS4216 Datasheet HTML 32Page - Cirrus Logic CS4216 Datasheet HTML 33Page - Cirrus Logic CS4216 Datasheet HTML 34Page - Cirrus Logic CS4216 Datasheet HTML 35Page - Cirrus Logic CS4216 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
AGND - Analog Ground, PIN 23(L), 17(Q).
Analog ground. Must be connected to DGND with zero impedance.
Analog Inputs
RIN1 - Right Input #1, PIN 25(L), 19(Q).
Right analog input #1. Full scale input, with no gain, is 1 Vrms, centered at REFBUF.
RIN2 - Right Input #2, PIN 26(L), 20(Q).
Right analog input #2. Full scale input, with no gain, is 1 Vrms, centered at REFBUF.
LIN1 - Left Input #1, PIN 27(L), 21(Q).
Left analog input #1. Full scale input, with no gain, is 1 Vrms, centered at REFBUF.
LIN2 - Left Input #2, PIN 28(L), 22(Q).
Left analog input #2. Full scale input, with no gain, is 1 Vrms, centered at REFBUF.
Analog Outputs
ROUT - Right Channel Output, PIN 15(L), 9(Q).
Right channel analog output. Maximum signal is 1 Vrms centered at REFBUF.
LOUT - Left Channel Output, PIN 16(L), 10(Q).
Left channel analog output. Maximum signal is 1 Vrms centered at REFBUF.
REFBYP - Analog Reference Decoupling, PIN 21(L), 15(Q).
A 10
µF and 0.1 µF capacitor must be attached between REFBYP and REFGND.
REFGND - Analog Reference Ground Connection, PIN 22(L), 16(Q).
Connect to AGND.
REFBUF - Buffered Reference Out, PIN 20(L), 14(Q).
A nominal +2.2 V output for setting the bias level for external analog circuits.
Serial Digital Audio Interface Signals
SDIN - Serial Port Data In, PIN 42(L), 36(Q).
Digital audio data to the DACs and level control information is received by the CS4216 via
SDIN.
SDOUT - Serial Port Data Out, PIN 43(L), 37(Q).
Digital audio data from the ADCs and status information is output from the CS4216 via
SDOUT.
SCLK - Serial Port Bit Clock, PIN 44(L), 38(Q).
SCLK controls the digital audio data on SDOUT and latches the data on SDIN.
CS4216
32
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com