Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4216 Datasheet HTML 1Page - Cirrus Logic CS4216 Datasheet HTML 2Page - Cirrus Logic CS4216 Datasheet HTML 3Page - Cirrus Logic CS4216 Datasheet HTML 4Page - Cirrus Logic CS4216 Datasheet HTML 5Page - Cirrus Logic CS4216 Datasheet HTML 6Page - Cirrus Logic CS4216 Datasheet HTML 7Page - Cirrus Logic CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Features
•• CMOS Stereo Audio Input/Output System
Delta-Sigma A/D Converters
Delta-Sigma D/A Converters
Input Anti-Aliasing and Output
Smoothing Filters
Programmable Input Gain and
Output Attenuation
•• Sample Frequencies of 4 kHz to 50 kHz
•• CD Quality Noise and Distortion
< 0.01 %THD
•• Internal 64X Oversampling
•• Low Power Dissipation: 80 mA
1 mA Power-Down Mode
General Description
The CS4216 Stereo Audio Codec is a monolithic
CMOS device for computer multimedia, automotive,
and portable audio applications. It performs A/D and
D/A conversion, filtering, and level setting, creating 4
audio inputs and 2 audio outputs for a digital computer
system. The digital interfaces of left and right channels
are multiplexed into a single serial data bus with word
rates up to 50 kHz per channel. Up to 4 CS4216 de-
vices can be attached to a single hardware bus.
Both the ADCs and the DACs use delta-sigma modula-
tion with 64X oversampling. The ADCs include a digital
decimation filter which eliminates the need for external
anti-aliasing filters. The DACs include output smoothing
filters on-chip.
Ordering Information:
CS4216-KL
0
° to 70°C
44-pin PLCC
CS4216-KQ
0
° to 70°C
44-pin TQFP
CDB4216
Evaluation Board
16-Bit Stereo Audio Codec
Semiconductor Corporation
CS4216
S SYN C
LO U T
ROUT
SE R IAL IN T E RFACE C O N TRO L
INPUT
MUX
V O L TA G E R E FE R E NC E
CL K IN
M F 7:SFS1 /F 2
M F 8:SFS2 /F 3
SD IN
SD O U T
SC L K
SM O D E 1
RE S E T
RE F G ND
R E F BYP
RE F B U F
LIN 1
LIN 2
RIN1
RIN2
VD
VA
DG ND
AG ND
A/D
A/D
D/A
D/A
DO 1
M F5:D O 2 /IN T
M F 2 :DO3 /F 2 /CDIN
M F1:D O 4 /F 1 /C D O U T
DI1
M F6:D I2/F 1
M F 3:D I3/F 3 /C C L K
OUTPUT
MUTE
INPUT
GAIN
PD N
SM O D E 2
SM O D E 3
M F 4 :DI4 /M A /CCS
Oct ’93
DS83F2
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
Copyright
© Crystal Semicondutor Corporation 1993
(All Rights Reserved)
The CS4216 is an Mwave
TM
audio codec.


Similar Part No. - CS4216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
CS4210VJG NSC-CS4210VJG Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KL CIRRUS-CS4215-KL Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KQ CIRRUS-CS4215-KQ Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
More results

Similar Description - CS4216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
Cirrus Logic
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
16-Bit Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
Stereo Audio CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com