Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4216 Datasheet HTML 1Page - Cirrus Logic CS4216 Datasheet HTML 2Page - Cirrus Logic CS4216 Datasheet HTML 3Page - Cirrus Logic CS4216 Datasheet HTML 4Page - Cirrus Logic CS4216 Datasheet HTML 5Page - Cirrus Logic CS4216 Datasheet HTML 6Page - Cirrus Logic CS4216 Datasheet HTML 7Page - Cirrus Logic CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
SWITCHING CHARACTERISTICS (TA = 25°C; VA, VD = +5V, outputs loaded with 30 pF; Input
Levels: Logic 0 = 0V, Logic 1 = VD)
Parameter
Symbol
Min
Typ
Max
Units
Input clock (CLKIN) frequency
SM1:
CLKIN
2.048
24.576
25.6
MHz
SM2, SM3, SM4:
CLKIN
1.024
12.288
12.8
MHz
CLKIN low time
tckl
15
-
-
ns
CLKIN high time
tckh
15
-
-
ns
Sample Rate
(Note 1)
Fs
4
-
50
kHz
DI pins setup time to SCLK edge
(Note 1)
ts2
10
-
-
ns
DI pins hold time from SCLK edge
(Note 1)
th2
8-
-
ns
DO pins delay from SCLK edge
tpd2
30
-
-
ns
SCLK and SSYNC output delay
Master Mode (Note 1)
tpd3
-
-
50
ns
from CLKIN rising
SCLK period
Master Mode (Note 7)
tsckw
-
1/(Fs*bpf)
-
s
Slave Mode
75
-
-
ns
SCLK high time
Slave Mode
tsckh
30
-
-
ns
SCLK low time
Slave Mode
tsckl
30
-
-
ns
SDIN, SSYNC setup time to SCLK edge
Slave Mode
ts1
15
-
-
ns
SDIN, SSYNC hold time from SCLK edge
Slave Mode
th1
10
-
-
ns
SDOUT delay from SCLK edge
tpd1
-
-
28
ns
Output to Hi-Z state
bit 64 (Note 1)
thz
-
-
12
ns
Output to non-Hi-Z
bit 1 (Note 1)
tnz
15
-
-
ns
RESET pulse width low
500
-
-
ns
CCS low to CCLK rising
SM4 (Note 1)
tcslcc
25
-
-
ns
CDIN setup to CCLK falling
SM4 (Note 1)
tdiscc
15
-
-
ns
CCLK low to CDIN invalid (hold time)
SM4 (Note 1)
tccdih
10
-
-
ns
CCLK high time
SM4 (Note 1)
tcclhh
25
-
-
ns
CCLK low time
SM4 (Note 1)
tcclhl
25
-
-
ns
CCLK Period
SM4 (Note 1)
tcclkw
75
-
-
ns
CCLK rising to CDOUT data valid
SM4 (Note 1)
tccdov
-
-
30
ns
CCLK rising to CDOUT Hi-Z
SM4 (Note 1)
tccdot
-
-
30
ns
CCLK falling to CCS high
SM4 (Note 1)
tcccsh
0-
-
ns
Notes:
7. When the CS4216 is in master mode (SSYNC and SCLK outputs), the SCLK duty cycle is 50%.
The equation is based on the selected sample frequency (Fs) and the number of bits per frame (bpf).
CS4216
4
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com